Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP55231 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # LP55231
Description  LP55231 Programmable 9-Output LED Driver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP55231 Datasheet(HTML) 24 Page - Texas Instruments

Back Button LP55231 Datasheet HTML 20Page - Texas Instruments LP55231 Datasheet HTML 21Page - Texas Instruments LP55231 Datasheet HTML 22Page - Texas Instruments LP55231 Datasheet HTML 23Page - Texas Instruments LP55231 Datasheet HTML 24Page - Texas Instruments LP55231 Datasheet HTML 25Page - Texas Instruments LP55231 Datasheet HTML 26Page - Texas Instruments LP55231 Datasheet HTML 27Page - Texas Instruments LP55231 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 53 page
background image
LP55231
SNOSCR5 – MARCH 2013
www.ti.com
Table 3. Control Register Map (continued)
Hex
Read/Writ
Default Value
Register Name
Bit(s)
Bit Mnemonic and Description
Address
e
After Reset
CURRENT
2E
D9 CURRENT CONTROL
[7:0]
R/W
10101111
D9 output current control register. Default current is
17.5 mA (typ.)
RESERVED FOR FUTURE
2F TO 35
[7:0]
RESERVED FOR FUTURE USE
USE
VARIABLE_D_SEL
[7]
R/W
0xxxxxxx
Variable D source selection
EN_AUTO_INCR
[6]
R/W
x1xxxxxx
Serial bus address auto increment enable
POWERSAVE_EN
[5]
R/W
xx0xxxxx
Powersave mode enable
CP_MODE
36
MISC
[4:3]
R/W
xxx00xxx
Charge pump gain selection
PWM_PS_EN
[2]
R/W
xxxxx0xx
PWM cycle powersave enable
CLK_DET_EN
[1]
R/W
xxxxxx0x
External clock detection
INT_CLK_EN
[0]
R/W
xxxxxxx0
Clock source selection
PC
37
ENGINE1 PC
[6:0]
R/W
x0000000
Program counter for engine 1
PC
38
ENGINE2 PC
[6:0]
R/W
x0000000
Program counter for engine 2
PC
39
ENGINE3 PC
[6:0]
R/W
x0000000
Program counter for engine 3
LEDTEST_MEAS_DONE
[7]
R
0xxxxxxx
Indicates when the LED test measurement is done.
MASK_BUSY
[6]
R
x1xxxxxx
Mask bit for interrupts generated by
STARTUP_BUSY or ENGINE_BUSY.
STARTUP_BUSY
[5]
R
xx0xxxxx
This bit indicates that the startup sequence is
running.
ENGINE_BUSY
[4]
R
xxx0xxxx
This bit indicates that a program execution engine is
3A
STATUS/INTERRUPT
clearing internal registers.
EXT_CLK_USED
[3]
R
xxxx0xxx
Indicates when external clock signal is in use.
ENG1_INT
[2]
R
xxxxx0xx
Interrupt bit for program execution engine 1
ENG2_INT
[1]
R
xxxxxx0x
Interrupt bit for program execution engine 2
ENG3_INT
[0]
R
xxxxxxx0
Interrupt bit for program execution engine 3
INT_CONF
[2]
R/W
xxxxx0xx
INT pin can be configured to function as a GPO with
this bit
3B
INT/GPO
INT_GPO
[0]
R/W
xxxxxxx0
GPO pin control for INT pin when INT_CONF is set
"1"
VARIABLE
3C
VARIABLE
[7:0]
R/W
00000000
Global 8-bit variable
RESET
3D
RESET
[7:0]
R/W
00000000
Writing 11111111 into this register resets the
LP55231
24
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LP55231



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com