Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP55231 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # LP55231
Description  LP55231 Programmable 9-Output LED Driver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP55231 Datasheet(HTML) 25 Page - Texas Instruments

Back Button LP55231 Datasheet HTML 21Page - Texas Instruments LP55231 Datasheet HTML 22Page - Texas Instruments LP55231 Datasheet HTML 23Page - Texas Instruments LP55231 Datasheet HTML 24Page - Texas Instruments LP55231 Datasheet HTML 25Page - Texas Instruments LP55231 Datasheet HTML 26Page - Texas Instruments LP55231 Datasheet HTML 27Page - Texas Instruments LP55231 Datasheet HTML 28Page - Texas Instruments LP55231 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 53 page
background image
LP55231
www.ti.com
SNOSCR5 – MARCH 2013
Table 3. Control Register Map (continued)
Hex
Read/Writ
Default Value
Register Name
Bit(s)
Bit Mnemonic and Description
Address
e
After Reset
TEMP_MEAS_BUSY
[7]
R
0xxxxxxx
Indicates when temperature measurement is active
EN_TEMP_SENSOR
[2]
R/W
xxxxx0xx
Reads the internal temperature sensor once
3E
TEMP ADC CONTROL
CONTINUOUS_CONV
[1]
R/W
xxxxxx0x
Continuous temperature measurement selection
SEL_EXT_TEMP
[0]
R/W
xxxxxxx0
Internal/external temperature sensor selection
TEMPERATURE
3F
TEMPERATURE READ
[7:0]
R
00011001
Bits for temperature information
TEMPERATURE
40
TEMPERATURE WRITE
[7:0]
R/W
00000000
Bits for temperature information
[7]
R/W
0xxxxxxx
EN_LED_TEST_ADC
[6]
R/W
x0xxxxxx
EN_LED_TEST_INT
CONTINUOUS_CONV
41
LED TEST CONTROL
[5]
R/W
xx0xxxxx
Continuous LED test measurement selection
LED_TEST_CTRL
[4:0]
R/W
xxx00000
Control bits for LED test
LED_TEST_ADC
42
LED TEST ADC
[7:0]
R
N/A
LED test result
43
RESERVED
[7:0]
RESERVED FOR FUTURE USE
44
RESERVED
[7:0]
RESERVED FOR FUTURE USE
45
ENGINE1 VARIABLE A
[7:0]
R
00000000
VARIABLE FOR ENGINE1
46
ENGINE2 VARIABLE A
[7:0]
R
00000000
VARIABLE FOR ENGINE2
47
ENGINE3 VARIABLE A
[7:0]
R
00000000
VARIABLE FOR ENGINE3
48
MASTER FADER1
[7:0]
R/W
00000000
MASTER FADER
49
MASTER FADER2
[7:0]
R/W
00000000
MASTER FADER
4A
MASTER FADER3
[7:0]
R/W
00000000
MASTER FADER
RESERVED FOR FUTURE
4B
RESERVED FOR FUTURE USE
USE
ENG1 PROG START
4C
[6:0]
R/W
x0000000
ADDR
ADDR
ENG2 PROG START
4D
[6:0]
R/W
x0001000
ADDR
ADDR
ENG3 PROG START
4E
[6:0]
R/W
x0010000
ADDR
ADDR
4F
PROG MEM PAGE SEL
[2:0]
R/W
xxxxx000
PAGE_SEL
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: LP55231



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com