Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP55231 Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # LP55231
Description  LP55231 Programmable 9-Output LED Driver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP55231 Datasheet(HTML) 43 Page - Texas Instruments

Back Button LP55231 Datasheet HTML 39Page - Texas Instruments LP55231 Datasheet HTML 40Page - Texas Instruments LP55231 Datasheet HTML 41Page - Texas Instruments LP55231 Datasheet HTML 42Page - Texas Instruments LP55231 Datasheet HTML 43Page - Texas Instruments LP55231 Datasheet HTML 44Page - Texas Instruments LP55231 Datasheet HTML 45Page - Texas Instruments LP55231 Datasheet HTML 46Page - Texas Instruments LP55231 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 53 page
background image
LP55231
www.ti.com
SNOSCR5 – MARCH 2013
MUX_LD_ADDR
Mux_ld_addr sets the index pointer to point the mapping table row defined by bits [6:0], but the row will not be
set active.
Name
Value (d)
Description
SRAM address
0-95
Any SRAM address containing mapping data.
Branch Instructions
BRANCH
Branch instruction is mainly indented for repeating a portion of the program code several times. Branch
instruction loads step number value to program counter. Loop count parameter defines how many times the
instructions inside the loop are repeated. The LP55231 supports nested looping, i.e., loop inside loop. The
number of nested loops is not limited. Instruction takes sixteen 32 kHz clock cycles.
Name
Accepted Value (d)
Description
loop count (i)
0-63
The number of loops to be done. “0” means an infinite loop.
step number
0-95
The step number to be loaded to program counter.
Selects the variable for loop count value. Loop count is loaded with the value of the
variable defined below.
0 = local variable A
loop count (ii)
0-3
1 = local variable B
2 = global variable C
3 = register address 3CH variable D value, or register address 42H value
INT
Send interrupt to processor by pulling the INT pin down and setting corresponding status bit high. Interrupt can
be cleared by reading interrupt bits in STATUS/INTERRUPT register at address 3A.
Name
Value
Description
0
No interrupt will be sent. PWM register values will remain intact.
Reset program counter value to “0” and send interrupt to processor by pulling the INT pin
int
down and setting corresponding status bit high to notify that program has ended. PWM register
1
values
will
remain
intact.
Interrupt
can
be
cleared
by
reading
interrupt
bits
in
STATUS/INTERRUPT register at address 3A.
0
Reset program counter value to “0” and hold. PWM register values will remain intact.
Reset program counter value to “0” and hold. PWM register values of the non-mapped drivers
will remain. PWM register values of the mapped drivers will be set to "0000 0000".
reset
1
On completion of int instruction with this bit set to "1" the master fader registers are set to zero
as follows: Program execution engine 1 sets MASTER FADER 1 (48H) to zero, engine 2 sets
MASTER FADER 2 (49H) to zero and engine 3 sets MASTER FADER 3 (4AH) to zero.
RST
Rst instruction resets Program Counter register (address 37H, 38H, or 39H) and continues executing the
program from the program start address defined in 4C-4E. Instruction takes sixteen 32 kHz clock cycles. Note
that default value for all program memory registers is 0000H, which is the rst instruction.
END
End program execution. Instruction takes sixteen 32 kHz clock cycles.
TRIGGER
Wait or send triggers can be used to, for example, synchronize operation between the program execution
engines. Send trigger instruction takes sixteen 32 kHz clock cycles and wait for trigger takes at least sixteen 32
kHz clock cycles. The receiving engine stores the triggers which have been sent. Received triggers are cleared
by wait for trigger instruction. Wait for trigger instruction is executed until all the defined triggers have been
received. (Note: several triggers can be defined in the same instruction.)
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
43
Product Folder Links: LP55231



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com