Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP55231 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # LP55231
Description  LP55231 Programmable 9-Output LED Driver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP55231 Datasheet(HTML) 26 Page - Texas Instruments

Back Button LP55231 Datasheet HTML 22Page - Texas Instruments LP55231 Datasheet HTML 23Page - Texas Instruments LP55231 Datasheet HTML 24Page - Texas Instruments LP55231 Datasheet HTML 25Page - Texas Instruments LP55231 Datasheet HTML 26Page - Texas Instruments LP55231 Datasheet HTML 27Page - Texas Instruments LP55231 Datasheet HTML 28Page - Texas Instruments LP55231 Datasheet HTML 29Page - Texas Instruments LP55231 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 53 page
background image
LP55231
SNOSCR5 – MARCH 2013
www.ti.com
Table 3. Control Register Map (continued)
Hex
Read/Writ
Default Value
Register Name
Bit(s)
Bit Mnemonic and Description
Address
e
After Reset
50
[15:8]
R/W
00000000
PROGRAM MEMORY
00H/10H/20H/30H/40H/50H
51
[7:0]
R/W
00000000
52
[15:8]
R/W
00000000
PROGRAM MEMORY
01H/11H/21H/31H/41H/51H
53
[7:0]
R/W
00000000
54
[15:8]
R/W
00000000
PROGRAM MEMORY
02H/12H/22H/32H/42H/52H
55
[7:0]
R/W
00000000
56
[15:8]
R/W
00000000
PROGRAM MEMORY
03H/13H/23H/33H/43H/53H
57
[7:0]
R/W
00000000
58
[15:8]
R/W
00000000
PROGRAM MEMORY
04H/14H/24H/34H/44H/54H
59
[7:0]
R/W
00000000
5A
[15:8]
R/W
00000000
PROGRAM MEMORY
05H/15H/25H/35H/45H/55H
5B
[7:0]
R/W
00000000
5C
[15:8]
R/W
00000000
PROGRAM MEMORY
06H/16H/26H/36H/46H/56H
5D
[7:0]
R/W
00000000
CMD
5E
[15:8]
R/W
00000000
PROGRAM MEMORY
Every Instruction is 16-bit width.
07H/17H/27H/37H/47H/57H
The LP55231 can store 96 instructions. Each
5F
[7:0]
R/W
00000000
instruction consists of 16 bits. Because one register
60
[15:8]
R/W
00000000
PROGRAM MEMORY
has only 8 bits, one instruction requires two register
08H/18H/28H/38H/48H/58H
addresses. In order to reduce program load time the
61
[7:0]
R/W
00000000
LP55231 supports address auto-incrementation.
62
[15:8]
R/W
00000000
PROGRAM MEMORY
Register address is incremented after each 8 data
09H/19H/29H/39H/49H/59H
bits. Thus the whole program memory page can be
63
[7:0]
R/W
00000000
written in one serial bus write sequence.
64
PROGRAM MEMORY
[15:8]
R/W
00000000
0AH/1AH/2AH/3AH/4AH/5A
65
[7:0]
R/W
00000000
H
66
PROGRAM MEMORY
[15:8]
R/W
00000000
0BH/1BH/2BH/3BH/4BH/5B
67
[7:0]
R/W
00000000
H
68
PROGRAM MEMORY
[15:8]
R/W
00000000
0CH/1CH/2CH/3CH/4CH/5
69
[7:0]
R/W
00000000
CH
6A
PROGRAM MEMORY
[15:8]
R/W
00000000
0DH/1DH/2DH/36D/46D/5D
6B
[7:0]
R/W
00000000
H
6C
PROGRAM MEMORY
[15:8]
R/W
00000000
0EH/1EH/2EH/3EH/4EH/5E
6D
[7:0]
R/W
00000000
H
6E
PROGRAM MEMORY
[15:8]
R/W
00000000
0FH/1FH/2FH/3FH/4FH/5F
6F
[7:0]
R/W
00000000
H
D9
70
ENG1 MAPPING MSB
[0]
R
xxxxxxx0
Engine 1 mapping information, D9 output
26
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LP55231



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com