Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP55231 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # LP55231
Description  LP55231 Programmable 9-Output LED Driver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP55231 Datasheet(HTML) 31 Page - Texas Instruments

Back Button LP55231 Datasheet HTML 27Page - Texas Instruments LP55231 Datasheet HTML 28Page - Texas Instruments LP55231 Datasheet HTML 29Page - Texas Instruments LP55231 Datasheet HTML 30Page - Texas Instruments LP55231 Datasheet HTML 31Page - Texas Instruments LP55231 Datasheet HTML 32Page - Texas Instruments LP55231 Datasheet HTML 33Page - Texas Instruments LP55231 Datasheet HTML 34Page - Texas Instruments LP55231 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 53 page
background image
00000000
10000000
11111111
PWM Bits
100
75
50
25
0
LP55231
www.ti.com
SNOSCR5 – MARCH 2013
Figure 24. Direct PWM Control Bits vs. PWM Duty Cycle
17 D2 PWM to 1E D9 PWM
•
PWM duty cycle control for outputs D2 to D9. The control registers and control bits for D2 output to D9 output
are similar to that given to D1.
26 D1 CURRENT CONTROL
•
D1 LED driver output current control register. The resolution is 8-bits and step size is 100
μA. .
CURRENT bits
Output Current (typ.)
00000000
0.0 mA
00000001
0.1 mA
00000010
0.2 mA
...
...
10101111
17.5 mA default setting
....
....
11111110
25.4 mA
11111111
25.5 mA
27 D2 CURRENT CONTROL to 2E D9 CURRENT CONTROL
•
The control registers and control bits for D2 output up to D9 output are similar to that given to D1 output.
36 MISC
•
This register contains miscellaneous control bits.
•
36 — Bit [7] VARIABLE_D_SEL
•
Variable D source selection.
•
1 = variable D source is the LED test ADC output (LED TEST ADC). This allows, for example, program
execution control with analog signal.
•
0 = variable D source is the register 3C (VARIABLE).
•
36 — Bit [6] EN_AUTO_INCR
•
The automatic increment feature of the serial bus address enables a quick memory write of successive
registers within one transmission.
•
1 = serial bus address automatic increment is enabled.
•
0 = serial bus address automatic increment is disabled.
•
36 — Bit [5] POWERSAVE_EN
•
1 = power save mode is enabled.
•
0 = power save mode is disabled. See section “Automatic Power Save Mode” for further details.
•
36 — Bits [4:3] CP_MODE
•
Charge pump operation mode.
•
00 = OFF.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: LP55231



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com