Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP55231 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # LP55231
Description  LP55231 Programmable 9-Output LED Driver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP55231 Datasheet(HTML) 49 Page - Texas Instruments

Back Button LP55231 Datasheet HTML 45Page - Texas Instruments LP55231 Datasheet HTML 46Page - Texas Instruments LP55231 Datasheet HTML 47Page - Texas Instruments LP55231 Datasheet HTML 48Page - Texas Instruments LP55231 Datasheet HTML 49Page - Texas Instruments LP55231 Datasheet HTML 50Page - Texas Instruments LP55231 Datasheet HTML 51Page - Texas Instruments LP55231 Datasheet HTML 52Page - Texas Instruments LP55231 Datasheet HTML 53Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 49 / 53 page
background image
30 ms
30 ms
TRIGGER SIGNAL
FROM TOUCH
SCREEN
CONTROLLER
CW
ROTATION
CCW
ROTATION
VIBRAP
VIBRAN
TRIG
LP55231
D2
D3
D6
D1
VOUT
COUT
1 PF
C2
0.47 PF
ASEL0
ASEL1
GND
MCU
SCL
SDA
EN
CLK
TRIG
INT
CIN
1 PF
VIN
VDD
C1
0.47 PF
C1+ C1- C2+ C2-
D5
D4
D9
D8
D7
M
VIBRAP
VIBRA
MOTOR
H-DRIVER
INA
INB
OUTA
OUTB
VDD
VIBRAN
240R/100 MHz
FERRITE
1 nF
1 nF
1 nF
TRIG FROM
SCREEN
CONTROLLER
100 k:
100 k:
APPLICATION
PROCESSOR
CONTROL
(OPTIONAL)
{
LP55231
www.ti.com
SNOSCR5 – MARCH 2013
Figure 29. Haptic Feedback Application
Figure 29 depicts an example schematic for LP55231 driving a vibra motor. A vibra motor can be used for haptic
feedback with touch screens and also for normal vibra operation (call indication etc.). Battery-powered D8 and
D9 outputs are used for controlling the H-Driver (Microchip TC442x-series or equivalent), which drives the vibra
motor. (The remaining outputs D1 to D7 can be used for LED driving, of course.) With H-Driver the rotation
direction of the vibra motor can be changed. For vibra operation user can load several programs to the LP55231
program memory in order to get interesting vibration effects, with changing frequency, “ramps”, etc.
If the application processor has controls for a vibra motor they can be connected to H-Driver INA and INB as
shown in Figure 29. In this case the vibra can be controlled directly with application processor and also with
LP55231. If application processor control is not needed, then the 100 k
Ω resistors should be connected to GND.
Figure 30. Control Waveform
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Links: LP55231



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com