Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP55231 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP55231
Description  LP55231 Programmable 9-Output LED Driver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP55231 Datasheet(HTML) 1 Page - Texas Instruments

  LP55231 Datasheet HTML 1Page - Texas Instruments LP55231 Datasheet HTML 2Page - Texas Instruments LP55231 Datasheet HTML 3Page - Texas Instruments LP55231 Datasheet HTML 4Page - Texas Instruments LP55231 Datasheet HTML 5Page - Texas Instruments LP55231 Datasheet HTML 6Page - Texas Instruments LP55231 Datasheet HTML 7Page - Texas Instruments LP55231 Datasheet HTML 8Page - Texas Instruments LP55231 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
LP55231
D1
D2
D4
D7
VOUT
COUT
1 PF
C2
0.47 PF
ASEL0
ASEL1
GND
MCU
SCL
SDA
EN
CLK
TRIG
INT
CIN
1 PF
VIN = 2.7V TO 5.5V
VDD
C1
0.47 PF
C1+ C1- C2+ C2-
B
G
R
D3
D8
B
G
R
B
G
R
D6
D5
D9
LP55231
D2
D3
D1
VOUT
COUT
1 PF
C2
0.47 PF
ASEL0
ASEL1
GND
MCU
SCL
SDA
EN
CLK
TRIG
INT
CIN
1 PF
VIN = 2.7V TO 5.5V
VDD
C1
0.47 PF
C1+ C1- C2+ C2-
D6
D5
D4
D9
D8
D7
RGB LED
APPLICATION
WLED APPLICATION
NOTE: D7, D8 AND D9 POWERED
DIRECTLY FROM VIN
LP55231
www.ti.com
SNOSCR5 – MARCH 2013
LP55231 Programmable 9-Output LED Driver
Check for Samples: LP55231
1
FEATURES
APPLICATIONS
2
•
Three Independent Program Execution
•
Fun Lights and Indicator Lights
Engines, 9 Programmable Outputs With 25.5
•
LED Backlighting
mA Full-scale Current, 8-bit Current Setting
•
Haptic Feedback
Resolution and 12-bit PWM Control Resolution
•
Programmable Current Source
•
Adaptive High-efficiency 1x/1.5x Fractional
Charge Pump - Efficiency up to 94%
DESCRIPTION
•
LED Drive Efficiency Up to 93%
The LP55231 is a 9-channel LED driver designed to
•
Charge Pump With Soft Start and Over-
produce lighting effects for mobile devices. A high-
efficiency charge pump enables LED driving over full
current/Short-circuit Protection
Li-Ion battery voltage range. The device is equipped
•
Built-in LED Test
with an internal program memory, which allows
•
200 nA Typical Standby Current
operation without processor control.
•
Automatic Power Save Mode; IVDD = 10 µA
The LP55231 maintains excellent efficiency over a
(Typ.)
wide operating range by autonomously selecting the
•
Two-wire I2C-compatible Control Interface
best charge pump gain based on LED forward
voltage
requirements.
The
device
is
able
to
•
Flexible Instruction Set
automatically enter power-save mode when LED
•
Large SRAM Program Memory
outputs are not active, thus lowering idle current
•
Small Application Circuit
consumption down to 10 µA (typ).
•
Source (High-side) Drivers
•
Architecture Supports Color Control
Typical Application
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP55231

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP55231 TI1-LP55231 Datasheet
1Mb / 57P
LP55231 Programmable 9-Output LED Driver
LP55231 TI2-LP55231 Datasheet
1Mb / 59P
LP55231 Nine-Channel RGB, White-LED Driver With Internal Program Memory and Integrated Charge Pump - WQFN
REVISED DECEMBER 2016
LP55231 TI2-LP55231 Datasheet
1Mb / 59P
LP55231 Nine-Channel RGB, White-LED Driver With Internal Program Memory and Integrated Charge Pump - WQFN
REVISED DECEMBER 2016
LP55231SQE/NOPB TI1-LP55231SQE/NOPB Datasheet
1Mb / 57P
LP55231 Programmable 9-Output LED Driver
LP55231SQE/NOPB TI2-LP55231SQE/NOPB Datasheet
1Mb / 59P
LP55231 Nine-Channel RGB, White-LED Driver With Internal Program Memory and Integrated Charge Pump - WQFN
REVISED DECEMBER 2016
More results

Similar Description - LP55231

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL70D0948 SLS-SL70D0948 Datasheet
149Kb / 17P
48 OUTPUT LED DRIVER / 9 BIT PWM CONTROLLER
logo
National Semiconductor ...
LP5522 NSC-LP5522 Datasheet
255Kb / 14P
Programmable LED Driver
LP8501 NSC-LP8501 Datasheet
120Kb / 2P
Multi-Purpose 9-Output LED Driver
logo
Sanyo Semicon Device
LV5234V SANYO-LV5234V Datasheet
318Kb / 23P
9-channel LED Driver
logo
Texas Instruments
LP5523 TI1-LP5523 Datasheet
600Kb / 47P
Programmable 9-Output LED Driver
LP5522 TI1-LP5522 Datasheet
797Kb / 17P
Programmable LED Driver
LP8501 TI1-LP8501_14 Datasheet
647Kb / 8P
PRODUCT BRIEF Multi-Purpose 9-Output LED Driver
LP5523 TI1-LP5523_16 Datasheet
1Mb / 56P
LP5523 Programmable 9-Output LED Driver
LP8501 TI1-LP8501 Datasheet
2Mb / 51P
LP8501 Multi-Purpose 9-Output LED Driver
LP55231 TI1-LP55231_16 Datasheet
1Mb / 57P
LP55231 Programmable 9-Output LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com