Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP55231 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # LP55231
Description  LP55231 Programmable 9-Output LED Driver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP55231 Datasheet(HTML) 36 Page - Texas Instruments

Back Button LP55231 Datasheet HTML 32Page - Texas Instruments LP55231 Datasheet HTML 33Page - Texas Instruments LP55231 Datasheet HTML 34Page - Texas Instruments LP55231 Datasheet HTML 35Page - Texas Instruments LP55231 Datasheet HTML 36Page - Texas Instruments LP55231 Datasheet HTML 37Page - Texas Instruments LP55231 Datasheet HTML 38Page - Texas Instruments LP55231 Datasheet HTML 39Page - Texas Instruments LP55231 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 53 page
background image
LP55231
SNOSCR5 – MARCH 2013
www.ti.com
•
Engine 1 program start address.
4D ENG2 PROG START ADDR
•
4D — Bits [6:0] — ADDR
•
Engine 2 program start address.
4E ENG3 PROG START ADDR
•
4E — Bits [6:0] — ADDR
•
Engine 3 program start address.
4F PROG MEM PAGE SELECT
•
4F — Bits [2:0] — PAGE_SEL
•
These bits select the program memory page. The program memory is divided into six pages of 16
instructions; thus, the total amount of the program memory is 96 instructions.
70H ENG1 MAPPING MSB
•
Valid engine 1-to-LED -mapping information can be read from ENG1 MAPPING register.
•
70H — Bit [0] D9
•
1 = D9 pin is mapped to the program execution engine 1.
•
0 = D9 pin non-mapped to the program execution engine 1.
71H ENG1 MAPPING LSB
•
71H — Bit [7] D8
•
1 = D8 pin is mapped to the program execution engine 1.
•
0 = D8 pin non-mapped to the program execution engine 1.
•
71H — Bit [6] D7
•
1 = D7 pin is mapped to the program execution engine 1.
•
0 = D7 pin non-mapped to the program execution engine 1.
•
71H — Bit [5] D6
•
1 = D6 pin is mapped to the program execution engine 1.
•
0 = D6 pin non-mapped to the program execution engine 1.
•
71H — Bit [4] D5
•
1 = D5 pin is mapped to the program execution engine 1.
•
0 = D5 pin non-mapped to the program execution engine 1.
•
71H — Bit [3] D4
•
1 = D4 pin is mapped to the program execution engine 1.
•
0 = D4 pin non-mapped to the program execution engine 1.
•
71H — Bit [2] D3
•
1 = D3 pin is mapped to the program execution engine 1.
•
0 = D3 pin non-mapped to the program execution engine 1.
•
71H — Bit [1] D2
•
1 = D2 pin is mapped to the program execution engine 1.
•
0 = D2 pin non-mapped to the program execution engine 1.
•
71H — Bit [0] D1
•
1 = D1 pin is mapped to the program execution engine 1.
•
0 = D1 pin non-mapped to the program execution engine 1.
72H ENG2 MAPPING MSB
•
Valid engine 2-to-LED -mapping information can be read from ENG2 MAPPING register.
•
72H — Bit [0] D9
•
See description above for ENG1 MAPPING register.
73H ENG2 MAPPING LSB
•
73H — Bit [7] D8 to Bit [0] D1
36
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LP55231



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com