Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP55231 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # LP55231
Description  LP55231 Programmable 9-Output LED Driver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP55231 Datasheet(HTML) 29 Page - Texas Instruments

Back Button LP55231 Datasheet HTML 25Page - Texas Instruments LP55231 Datasheet HTML 26Page - Texas Instruments LP55231 Datasheet HTML 27Page - Texas Instruments LP55231 Datasheet HTML 28Page - Texas Instruments LP55231 Datasheet HTML 29Page - Texas Instruments LP55231 Datasheet HTML 30Page - Texas Instruments LP55231 Datasheet HTML 31Page - Texas Instruments LP55231 Datasheet HTML 32Page - Texas Instruments LP55231 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 53 page
background image
LP55231
www.ti.com
SNOSCR5 – MARCH 2013
•
Halt: Instruction execution aborts immediately and engine operation halts.
•
01 — Bit [5:4] ENGINE1_MODE
•
00 = disabled.
•
01 = load program to SRAM, reset engine 1 PC.
•
10 = run program as defined by ENGINE1_EXEC bits.
•
11 = halts the engine.
•
01 — Bits [3:2] ENGINE2_MODE
•
00 = disabled.
•
01 = load program to SRAM, reset engine 2 PC.
•
10 = run program as defined by ENGINE2_EXEC bits.
•
11 = halts the engine.
•
01 — Bits [3:2] ENGINE3_MODE
•
00 = disabled.
•
01 = load program to SRAM, reset engine 3 PC.
•
10 = run program as defined by ENGINE3_EXEC bits.
•
11 = halts the engine.
02 OUTPUT DIRECT/RATIOMETRIC MSB
•
A particular feature of the LP55231 is the ratiometric up/down dimming of the RGB-LEDs. In other words, the
LED driver PWM output will vary in a ratiometric manner. By a ratiometric approach the emitted color of an
RGB–LED remains the same regardless of the initial magnitudes of the R/G/B PWM outputs. For example, if
the PWM output of the red LED output is doubled, the output of green LED is doubled also.
•
02 — Bit [0] D9_RATIO_EN
•
1 = enables ratiometric diming for D9 output.
•
0 = disables ratiometric dimming for D9 output.
03 OUTPUT DIRECT/RATIOMETRIC LSB
•
03 — Bit [7] D8_RATIO_EN
•
1 = enables ratiometric diming for D8 output.
•
0 = disables ratiometric dimming for D8 output.
•
03 — Bit [0] D1_RATIO_EN to Bit [6] D7_RATIO_EN
•
The options for D1 output to D7 output are the same as above — see the “03 — Bit [7]” section.
04 OUTPUT ON/OFF CONTROL MSB
•
04 — Bit [0] D9_ON
•
1 = D9 output ON.
•
0 = D9 output OFF.
•
Note: Engine mapping overrides this control.
05 OUTPUT ON/OFF CONTROL MSB
•
05 — Bit [7] D8_ON
•
1 = D8 output ON.
•
0 = D8 output OFF.
•
Note: Engine mapping over rides this control.
•
05 — Bit [0] D1_ON to Bit [6] D7_ON
•
The options for D1 output to D7 output are the same as above — see the “05 — Bit [7]” section.
06 D1 CONTROL
•
This is the register used to assign the D1 output to the MASTER FADER group 1, 2, or 3, or none of them.
Also, this register sets the correction factor for the D1 output temperature compensation and selects between
linear and logarithmic PWM brightness adjustment. By using logarithmic PWM-scale the visual effect looks
like linear. When the logarithmic adjustment is enabled, the chip handles internal PWM values with 12-bit
resolution. This allows very fine-grained PWM control at low PWM duty cycles.
•
06 — Bit [7:6] MAPPING
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: LP55231



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com