Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP55231 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # LP55231
Description  LP55231 Programmable 9-Output LED Driver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP55231 Datasheet(HTML) 33 Page - Texas Instruments

Back Button LP55231 Datasheet HTML 29Page - Texas Instruments LP55231 Datasheet HTML 30Page - Texas Instruments LP55231 Datasheet HTML 31Page - Texas Instruments LP55231 Datasheet HTML 32Page - Texas Instruments LP55231 Datasheet HTML 33Page - Texas Instruments LP55231 Datasheet HTML 34Page - Texas Instruments LP55231 Datasheet HTML 35Page - Texas Instruments LP55231 Datasheet HTML 36Page - Texas Instruments LP55231 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 53 page
background image
LP55231
www.ti.com
SNOSCR5 – MARCH 2013
"1".
•
1 = at least one of the engines is clearing internal registers.
•
0 = engine ready.
•
3A — Bit [3] EXT_CLK_USED
•
1 = external clock detected.
•
0 = external clock not detected.
•
This bit is high when external clock signal on CLK pin is detected. CLK_DET_EN bit high in address 36
enables the clock detection.
•
3A — Bits [2:0] ENG1_INT, ENG2_INT, ENG3_INT
•
1 = interrupt set.
•
0 = interrupt unset/cleared.
•
Interrupt bits for program execution engine 1, 2 and 3, respectively. These bits are set by END or INT
instruction. Reading the interrupt bit clears the interrupt.
3B INT/GPO
•
INT pin can be configured to function as a GPO by setting the bit INT_CONF. When INT is configured to
function as a GPO, output level is defined by the VDD voltage.
•
3B — Bit [2] INT_CONF
•
0 = INT pin is set to function as an interrupt pin (default).
•
1 = INT pin is configured to function as a GPO.
•
3B — Bit [0] INT_GPO
•
0 = INT pin state is low (if INT_CONF = 1).
•
1 = INT pin state is high (if INT_CONF = 1).
•
When INT pin’s GPO function is disabled, it operates as an open drain pin. INT signal is active low; i.e., when
interrupt signal is sent, the pin is pulled to GND. External pullup resistor is needed for proper functionality.
3C VARIABLE
•
3C — Bits [7:0] VARIABLE
•
These bits are used for storing a global 8-bit variable. Variable can be used to control program flow.
3D RESET
•
3D — Bits [7:0] RESET
•
Writing 11111111 into this register resets the LP55231. Internal registers are reset to the default values.
Reading RESET register returns 00000000.
3E TEMP ADC CONTROL
•
3E — Bit [7] TEMP_MEAS_BUSY
•
1 = temperature measurement active.
•
0 = temperature measurement done or not activated.
•
3E — Bit [2] EN_TEMP_SENSOR
•
1 = enables internal temperature sensor. Every time when EN_TEMP_SENSOR is written high a new
measurement period is started. The length of the measurement period depends on temperature. At 25°C a
measurement takes 20 milliseconds. Temperature can be read from register 3F.
•
0 = temp sensor disabled.
•
3E — Bit [1] CONTINUOUS _CONV
•
This bit is effective when EN_TEMP_SENSOR = 1.
•
1 = continuous temperature measurement. Not active when the device is in power save.
•
0 = new temperature measurement period initiated during startup or after exit from power-save mode.
3E — Bit [0] SEL_EXT_TEMP
•
1 = temperature compensation source register addr 40H.
•
0 = temperature compensation source register addr 3FH.
3F TEMPERATURE READ
•
3F — Bits [7:0] TEMPERATURE
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: LP55231



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com