Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP55231 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LP55231
Description  LP55231 Programmable 9-Output LED Driver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP55231 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP55231 Datasheet HTML 12Page - Texas Instruments LP55231 Datasheet HTML 13Page - Texas Instruments LP55231 Datasheet HTML 14Page - Texas Instruments LP55231 Datasheet HTML 15Page - Texas Instruments LP55231 Datasheet HTML 16Page - Texas Instruments LP55231 Datasheet HTML 17Page - Texas Instruments LP55231 Datasheet HTML 18Page - Texas Instruments LP55231 Datasheet HTML 19Page - Texas Instruments LP55231 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 53 page
background image
8-BIT CURRENT
SETTING
0 mA TO 25.5 mA
12-BIT PWM
PATTERN
CONTROL
0% TO 100 %
TIME
PWM FREQUENCY = 312 Hz
CHARGE PUMP
CURRENT
SOURCE
SATURATION
MONITOR
DIGITAL
FILTER
MODE
CONTROL
COMMAND
LOOK-AHEAD
PROGRAM
MEMORY
CONTROL
REGISTERS
COMPARATOR
VOUT
VDD
D1
TO
D6
PWM
VOFS
MODE
LP55231
SNOSCR5 – MARCH 2013
www.ti.com
Gain Change Hysteresis
Charge pump gain control utilizes digital filtering to prevent supply voltage disturbances (for example, the
transient voltage on the power supply during the GSM burst) from triggering unnecessary gain changes.
Hysteresis is provided to prevent periodic gain changes (which could occur due to LED driver) and charge-pump
voltage drop in 1x mode. The hysteresis of the gain change is user-configurable; default setting is factory-
programmable. Flexible configuration ensures that hysteresis can be minimized or set to desired level in each
application.
LED forward voltage monitoring and gain control block diagram is shown in Figure 17.
Figure 17. Forward Voltage Monitoring and Gain Control Block
LED Driver Operational Description
Overview
LP55231 LED drivers are constant current sources. Output current can be programmed by control registers up to
25.5 mA. The overall maximum current is set by 8-bit output current control registers with 100
μA step size. Each
of the 9 LED drivers has a separate output current control register.
The LED luminance pattern (dimming) is controlled with PWM (pulse width modulation) technique, which has
internal resolution of 12 bits (8-bit control can be seen by user). PWM frequency is 312 Hz. See Figure 18 below.
Figure 18. LED Pattern and Current Control Principle
LED dimming is controlled according to a logarithmic or linear scale, see Figure 19. A logarithmic or linear
scheme can be set for both the program execution engine control and direct PWM control. Note: if the
temperature compensation is active, the maximum PWM duty cycle is limited to 50% at +25°C. This is required
to allow enough headroom for temperature compensation over the whole temperature range
−30°C to 90°C.
16
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LP55231



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com