Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP55231 Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # LP55231
Description  LP55231 Programmable 9-Output LED Driver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP55231 Datasheet(HTML) 48 Page - Texas Instruments

Back Button LP55231 Datasheet HTML 44Page - Texas Instruments LP55231 Datasheet HTML 45Page - Texas Instruments LP55231 Datasheet HTML 46Page - Texas Instruments LP55231 Datasheet HTML 47Page - Texas Instruments LP55231 Datasheet HTML 48Page - Texas Instruments LP55231 Datasheet HTML 49Page - Texas Instruments LP55231 Datasheet HTML 50Page - Texas Instruments LP55231 Datasheet HTML 51Page - Texas Instruments LP55231 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 53 page
background image
LP55231
D1
D2
D3
D4
D5
D7
D8
D6
D9
VOUT
COUT1
1 PF
C2
0.47 PF
ASEL0
ASEL1
GND
MCU
SCL
SDA
CLK
TRIG
INT
CIN1
1 PF
VIN = 2.7V TO 5.5V
VDD
C1
0.47 PF
C1+ C1- C2+ C2-
R1
R
B
G
R
B
G
G
LP55231
D1
D2
D3
D4
D5
D7
D8
D6
D9
VOUT
COUT2
1 PF
C4
0.47 PF
CIN2
1 PF
VDD
C3
0.47 PF
C1+ C1- C2+ C2-
R
B
G
R
B
G
R
B
G
VIN
VIO
R2
R3
R4
EN
SCL
SDA
CLK
TRIG
INT
EN
ASEL0
ASEL1
GND
VIO
R
B
G
LP55231
SNOSCR5 – MARCH 2013
www.ti.com
Typical Applications
Figure 28. Typical Application Circuits
The LP55231 enables up to four parallel devices together, which can drive up to 12 RGB LEDs or 36 single
LEDs. This diagram shows the connections for two LP55231 devices for six RGB LEDs. Note that D7, D8, and
D9 outputs are used for the red LEDs. The SCL and SDA lines should each have a pullup resistor placed
somewhere on the line (R3 and R4; The pullup resistors are normally located on the bus master.). In typical
applications values of 1.8k to 4.7k are used, depending on the bus capacitance, I/O voltage and the desired
communication speed. INT and TRIG are open-drain pins, so they need pullup resistors. Typical values for R1
and R2 are from 120k to 180k for two devices.
48
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LP55231



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com