Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP55231 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # LP55231
Description  LP55231 Programmable 9-Output LED Driver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP55231 Datasheet(HTML) 45 Page - Texas Instruments

Back Button LP55231 Datasheet HTML 41Page - Texas Instruments LP55231 Datasheet HTML 42Page - Texas Instruments LP55231 Datasheet HTML 43Page - Texas Instruments LP55231 Datasheet HTML 44Page - Texas Instruments LP55231 Datasheet HTML 45Page - Texas Instruments LP55231 Datasheet HTML 46Page - Texas Instruments LP55231 Datasheet HTML 47Page - Texas Instruments LP55231 Datasheet HTML 48Page - Texas Instruments LP55231 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 53 page
background image
LP55231
www.ti.com
SNOSCR5 – MARCH 2013
Name
Value (d)
Description
0 = variable A
target variable
0 - 2
1 = variable B
2 = variable C
0 = local variable A
1 = local variable B
variable 1 (ii)
0 - 3
2 = global variable C
3 = register address 3CH variable, or register address 42H value.
0 = local variable A
1 = local variable B
variable 2 (ii)
0 - 3
2 = global variable C
3 = register address 3CH variable, or register address 42H value.
SUB
SUB Operator either subtracts 8-bit value from the current value of the target variable, or subtracts the value of
the variable 2 (A, B, C or D) from the value of the variable 1 (A, B, C or D) and stores the result in the register of
target variable (A, B or C). Variables overflow from 0 to 255.
Name
Value (d)
Description
8-bit value (i)
0 - 255
The value to be added.
0 = variable A
target variable
0 - 2
1 = variable B
2 = variable C
0 = local variable A
1 = local variable B
variable 1 (ii)
0 - 3
2 = global variable C
3 = register address 3CH variable, or register address 42H value.
0 = local variable A
1 = local variable B
variable 2 (ii)
0 - 3
2 = global variable C
3 = register address 3CH variable, or register address 42H value.
Automatic Power-Save Mode
Automatic power-save mode is enabled when POWERSAVE_EN bit in register address 36H is “1". Almost all
analog blocks are powered down in power-save if an external clock signal is used. Only the charge-pump
protection circuits remain active. However, if the internal clock has been selected, only charge pump and LED
drivers are disabled during the power save; the digital part of the LED controller needs to stay active. In both
cases the charge pump enters the weak 1x mode. In this mode the charge pump utilizes a passive current
limited keep-alive switch, which keeps the output voltage at the battery level. During the program execution
LP55231 can enter power save if there is no PWM activity in any of the LED driver outputs. To prevent short
power-save sequences during program execution, LP55231 has an instruction look-ahead filter. During program
execution engine 1, engine 2 and engine 3 instructions are constantly analyzed, and if there are time intervals of
more than 50 ms in length with no PWM activity on LED driver outputs, the device will enter power save. In
power-save mode program execution continues uninterrupted. When an instruction that requires PWM activity is
executed, a fast internal-startup sequence will be started automatically.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Links: LP55231



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com