Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP55231 Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # LP55231
Description  LP55231 Programmable 9-Output LED Driver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP55231 Datasheet(HTML) 44 Page - Texas Instruments

Back Button LP55231 Datasheet HTML 40Page - Texas Instruments LP55231 Datasheet HTML 41Page - Texas Instruments LP55231 Datasheet HTML 42Page - Texas Instruments LP55231 Datasheet HTML 43Page - Texas Instruments LP55231 Datasheet HTML 44Page - Texas Instruments LP55231 Datasheet HTML 45Page - Texas Instruments LP55231 Datasheet HTML 46Page - Texas Instruments LP55231 Datasheet HTML 47Page - Texas Instruments LP55231 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 53 page
background image
LP55231
SNOSCR5 – MARCH 2013
www.ti.com
External trigger input signal must stay low for at least two 32 kHz clock cycles to be executed. Trigger output
signal is three 32 kHz clock cycles long. External trigger signal is active low, i.e., when trigger is sent/received
the pin is pulled to GND. Send external trigger is masked; i.e., the device which has sent the trigger will not
recognize it. If send and wait external trigger are used on the same instruction, the send external trigger is
executed first, then the wait external trigger.
Name
Value (d)
Description
Wait for trigger from the engine(s). Several triggers can be defined in the same instruction. Bit
wait for trigger
0 - 31
[7] engages engine 1, bit [8] engine 2, bit [9] engine 3 and bit [12] is for external trigger I/O.
Bits [10] and [11] are not in use.
Send a trigger to the engine(s). Several triggers can be defined in the same instruction. Bit [1]
send a trigger
0 - 31
engages engine 1, bit [2] engine 2, bit [3] engine 3 and bit [6] is for external trigger I/O. Bits [4]
and [5] are not in use.
The LP55231 instruction set includes the following conditional jump instructions: jne (jump if not equal); jge (jump
if greater or equal); jl (jump if less); je (jump if equal). If the condition is true, a certain number of instructions will
be skipped (i.e., the program jumps forward to a location relative to the present location). If condition is false, the
next instruction will be executed.
Name
Value (d)
Description
number of instructions to be
The number of instructions to be skipped when the statement is true. Note: value 0
skipped if the operation returns
0 - 31
means redundant code.
true.
Defines the variable to be used in the test:
0 = local variable A
variable 1
0 - 3
1 = local variable B
2 = global variable C
3 = register address 3CH variable, or register address 42H value.
Defines the variable to be used in the test:
0 = local variable A
variable 2
0 - 3
1 = local variable B
2 = global variable C
3 = register address 3CH variable, or register address 42H value.
Arithmetic Instructions
LD
This instruction is used to assign a value into a variable; the previous value in that variable is overwritten. Each
of the engines have two local variables, called A and B. The variable C is a global variable.
Name
Value (d)
Description
0 = variable A
target variable
0 - 2
1 = variable B
2 = variable C
8-bit value
0 - 255
Variable value
ADD
Operator either adds 8-bit value to the current value of the target variable, or adds the value of the variable 1 (A,
B, C or D) to the value of the variable 2 (A, B, C or D) and stores the result in the register of variable A, B or C.
Variables overflow from 255 to 0.
Name
Value (d)
Description
8-bit value (i)
0 - 255
The value to be added.
44
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LP55231



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com