Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP55231 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LP55231
Description  LP55231 Programmable 9-Output LED Driver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP55231 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP55231 Datasheet HTML 13Page - Texas Instruments LP55231 Datasheet HTML 14Page - Texas Instruments LP55231 Datasheet HTML 15Page - Texas Instruments LP55231 Datasheet HTML 16Page - Texas Instruments LP55231 Datasheet HTML 17Page - Texas Instruments LP55231 Datasheet HTML 18Page - Texas Instruments LP55231 Datasheet HTML 19Page - Texas Instruments LP55231 Datasheet HTML 20Page - Texas Instruments LP55231 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 53 page
background image
0,0
64,0
128,0
192,0
256,0
DIMMING CONTROL (DEC)
100,0
80,0
60,0
40,0
20,0
0,0
0
64
128
192
256
100
80
60
40
20
0
LP55231
www.ti.com
SNOSCR5 – MARCH 2013
Figure 19. Logarithmic vs Linear Dimming
Powering LEDs
The LP55231 is very suitable for white LED and general purpose applications, and it is particularly well suited to
use with RGB LEDs. The LP55231’s architecture is optimized for use with three RGB LEDs. Typically, the red
LEDs have forward voltages below 2 volts, thus red LEDs can be powered directly from VDD. In the LP55231 D7,
D8, and D9 drivers are powered from the battery voltage (VDD), not from the charge-pump output. D1 to D6
drivers are internally connected to the charge-pump output, and these outputs can be used for driving green and
blue (VF = 2.7V to 3.7V typ.) or white LEDs. Of course, D7, D8, and D9 outputs can be used for green, blue or
white LEDs if the VDD voltage is high enough.
An RGB LED configuration example is given in the Typical Applications section at the end of this document.
Controlling the High-side LED Drivers
1. Direct PWM Control
All LP55231 LED drivers, D1 to D9, can be controlled independently through the two-wire serial I2C-compatible
interface. For each high-side driver there is a PWM control register. Direct PWM control is active by default.
2. Controlling by Program Execution Engines
Engine control is used when the user wants to create programmed sequences. The program execution engine
has a higher priority than direct control registers. Therefore, if the user has set the PWM register to a certain
value, it will be automatically overridden when the program execution engine controls the driver. LED control and
program execution engine operation is described in the section Control Register Details.
3. Master Fader Control
In addition to LED-by-LED PWM register control, the LP55231 is equipped with so-called master fader control,
which allows the user to fade in or fade out multiple LEDs by writing to only one register. This is a useful function
to minimize serial bus traffic between the MCU and the LP55231. The LP55231 has three master fader registers,
so it is possible to form three master fader groups.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LP55231



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com