Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP55231 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # LP55231
Description  LP55231 Programmable 9-Output LED Driver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP55231 Datasheet(HTML) 35 Page - Texas Instruments

Back Button LP55231 Datasheet HTML 31Page - Texas Instruments LP55231 Datasheet HTML 32Page - Texas Instruments LP55231 Datasheet HTML 33Page - Texas Instruments LP55231 Datasheet HTML 34Page - Texas Instruments LP55231 Datasheet HTML 35Page - Texas Instruments LP55231 Datasheet HTML 36Page - Texas Instruments LP55231 Datasheet HTML 37Page - Texas Instruments LP55231 Datasheet HTML 38Page - Texas Instruments LP55231 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 53 page
background image
40
90
140
190
RESULT (DEC)
5
4
3
2
1
0
LP55231
www.ti.com
SNOSCR5 – MARCH 2013
LED_TEST_CTRL bits
Measurement
10000
VDD
10001
INT-pin voltage
10010 to 11111
N/A
42 LED TEST ADC
•
42 — Bits [7:0] LED_TEST_ADC
•
This is used to store the LED test result. Read-only register. LED test ADC's least significant bit corresponds
to 30 mV. The measured voltage V (typ.) is calculated as follows: V = (RESULT(DEC) x 0.03 - 1.478 V. For
example, if the result is 10100110 = 166(DEC), the measured voltage is 3.50V (typ.). See the figure below.
Figure 25. LED Test Results vs. Measured Voltage
45 ENGINE1 VARIABLE A
•
45 — Bits [7:0] VARIABLE FOR ENGINE1
•
These bits are used for Engine 1 local variable. Read-only register.
46 ENGINE2 VARIABLE A
•
46 — Bits [7:0] VARIABLE FOR ENGINE2
•
These bits are used for Engine 2 local variable. Read-only register.
47 ENGINE3 VARIABLE A
•
47 — Bits [7:0] VARIABLE FOR ENGINE3
•
These bits are used for Engine 3 local variable. Read-only register.
48 MASTER FADER1
•
48 — Bits [7:0] MASTER_FADER
•
An 8-bit register to control all the LED-drivers mapped to MASTER FADER1. Master fader allows the user to
control dimming of multiple LEDS with a single serial bus write. This is a faster method to control the dimming
of multiple LEDs compared to the dimming done with the PWM registers (address 16H to 1EH), which would
need multiple writes.
49 MASTER FADER2
•
49 — Bits [7:0] MASTER_FADER
•
An 8-bit register to control all the LED-drivers mapped to MASTER FADER2. See MASTER FADER1
description.
4A MASTER FADER3
•
4A — Bits [7:0] MASTER_FADER
•
An 8-bit register to control all the LED-drivers mapped to MASTER FADER3. See MASTER FADER1
description.
4C ENG1 PROG START ADDR
•
Program memory allocation for program execution engines is defined with PROG START ADDR registers.
•
4C — Bits [6:0] — ADDR
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: LP55231



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com