| Electronic Components Datasheet Search |
|
LP55231 Datasheet(PDF) 21 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP55231 Datasheet(HTML) 21 Page - Texas Instruments |
|
21 / 53 page ![]() LP55231 www.ti.com SNOSCR5 – MARCH 2013 Register Set The LP55231 is controlled by a set of registers through the two-wire serial interface port. Some register bits are reserved for future use. Table 3 below lists device registers, their addresses and their abbreviations. A more detailed description is given in chapter Control Register Details. Table 3. Control Register Map Hex Read/Writ Default Value Register Name Bit(s) Bit Mnemonic and Description Address e After Reset CHIP_EN [6] R/W x0xxxxxx 0 = LP55231 not enabled 1 = LP55231 enabled ENGINE1_EXEC [5:4] R/W xx00xxxx ENABLE / ENGINE Engine 1 program execution control 00 CNTRL1 ENGINE2_EXEC [3:2] R/W xxxx00xx Engine 2 program execution control ENGINE3_EXEC [1:0] R/W xxxxxx00 Engine 3 program execution control ENGINE1_MODE [5:4] R/W xx00xxxx ENGINE 1 mode control ENGINE2_MODE 01 ENGINE CNTRL2 [3:2] R/W xxxx00xx ENGINE 2 mode control ENGINE3_MODE [1:0] R/W xxxxxx00 ENGINE 3 mode control OUTPUT D9_RATIO_EN 02 DIRECT/RATIOMETRIC [0] R/W xxxxxxx0 Enables ratiometric dimming for D9 output. MSB D8_RATIO_EN [7] R/W 0xxxxxxx Enables ratiometric dimming for D8 output. D7_RATIO_EN [6] R/W x0xxxxxx Enables ratiometric dimming for D7 output. D6_RATIO_EN [5] R/W xx0xxxxx Enables ratiometric dimming for D6 output. D5_RATIO_EN [4] R/W xxx0xxxx OUTPUT Enables ratiometric dimming for D5 output. 03 DIRECT/RATIOMETRIC D4_RATIO_EN LSB [3] R/W xxxx0xxx Enables ratiometric dimming for D4 output. D3_RATIO_EN [2] R/W xxxxx0xx Enables ratiometric dimming for D3 output. D2_RATIO_EN [1] R/W xxxxxx0x Enables ratiometric dimming for D2 output. D1_RATIO_EN [0] R/W xxxxxxx0 Enables ratiometric dimming for D1 output. OUTPUT ON/OFF D9_ON 04 [0] R/W xxxxxxx1 CONTROL MSB ON/OFF Control for D9 output Copyright © 2013, Texas Instruments Incorporated Submit Documentation Feedback 21 Product Folder Links: LP55231 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |