Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP55231 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LP55231
Description  LP55231 Programmable 9-Output LED Driver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP55231 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LP55231 Datasheet HTML 18Page - Texas Instruments LP55231 Datasheet HTML 19Page - Texas Instruments LP55231 Datasheet HTML 20Page - Texas Instruments LP55231 Datasheet HTML 21Page - Texas Instruments LP55231 Datasheet HTML 22Page - Texas Instruments LP55231 Datasheet HTML 23Page - Texas Instruments LP55231 Datasheet HTML 24Page - Texas Instruments LP55231 Datasheet HTML 25Page - Texas Instruments LP55231 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 53 page
background image
LP55231
SNOSCR5 – MARCH 2013
www.ti.com
Table 3. Control Register Map (continued)
Hex
Read/Writ
Default Value
Register Name
Bit(s)
Bit Mnemonic and Description
Address
e
After Reset
D8_ON
[7]
R/W
1xxxxxxx
ON/OFF Control for D8 output
D7_ON
[6]
R/W
x1xxxxxx
ON/OFF Control for D7 output
D6_ON
[5]
R/W
xx1xxxxx
ON/OFF Control for D6 output
D5_ON
[4]
R/W
xxx1xxxx
ON/OFF Control for D5 output
OUTPUT ON/OFF
05
CONTROL LSB
D4_ON
[3]
R/W
xxxx1xxx
ON/OFF Control for D4 output
D3_ON
[2]
R/W
xxxxx1xx
ON/OFF Control for D3 output
D2_ON
[1]
R/W
xxxxxx1x
ON/OFF Control for D2 output
D1_ON
[0]
R/W
xxxxxxx1
ON/OFF Control for D1 output
MAPPING
[7:6]
R/W
00xxxxxx
Mapping for D1 output
LOG_EN
06
D1 CONTROL
[5]
R/W
xx0xxxxx
Logarithmic dimming control for D1
TEMP COMP
[4:0]
R/W
xxx00000
Temperature compensation control for D1 output
[7:6]
R/W
00xxxxxx
MAPPING Mapping for D2 output
LOG_EN
[5]
R/W
xx0xxxxx
07
D2 CONTROL
Logarithmic dimming control for D2 output
TEMP COMP
[4:0]
R/W
xxx00000
Temperature compensation control for D2 output
[7:6]
R/W
00xxxxxx
MAPPING Mapping for D3 output
LOG_EN
[5]
R/W
xx0xxxxx
08
D3 CONTROL
Logarithmic dimming control for D3 output
TEMP COMP
[4:0]
R/W
xxx00000
Temperature compensation control for D3 output
[7:6]
R/W
00xxxxxx
MAPPING Mapping for D4 output
LOG_EN
[5]
R/W
xx0xxxxx
09
D4 CONTROL
Logarithmic dimming control for D4 output
TEMP COMP
[4:0]
R/W
xxx00000
Temperature compensation control for D4 output
[7:6]
R/W
00xxxxxx
MAPPING Mapping for D5 ouput
LOG_EN
[5]
R/W
xx0xxxxx
0A
D5 CONTROL
Logarithmic dimming control for D5 output
TEMP COMP
[4:0]
R/W
xxx00000
Temperature compensation control for D5
[7:6]
R/W
00xxxxxx
MAPPING Mapping for D6 output
LOG_EN
[5]
R/W
xx0xxxxx
0B
D6 CONTROL
Logarithmic dimming control for D6 output
TEMP COMP
[4:0]
R/W
xxx00000
Temperature compensation control for D6 output
[7:6]
R/W
00xxxxxx
MAPPING Mapping for D7 output
LOG_EN
[5]
R/W
xx0xxxxx
0C
D7 CONTROL
Logarithmic dimming control for D7 output
TEMP COMP
[4:0]
R/W
xxx00000
Temperature compensation control for D7 output
22
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LP55231



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com