Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP55231 Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # LP55231
Description  LP55231 Programmable 9-Output LED Driver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP55231 Datasheet(HTML) 41 Page - Texas Instruments

Back Button LP55231 Datasheet HTML 37Page - Texas Instruments LP55231 Datasheet HTML 38Page - Texas Instruments LP55231 Datasheet HTML 39Page - Texas Instruments LP55231 Datasheet HTML 40Page - Texas Instruments LP55231 Datasheet HTML 41Page - Texas Instruments LP55231 Datasheet HTML 42Page - Texas Instruments LP55231 Datasheet HTML 43Page - Texas Instruments LP55231 Datasheet HTML 44Page - Texas Instruments LP55231 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 53 page
background image
DIMMING
CONTROL
STEP COUNT
1
2
4
3
5
6
7
8
0
STEP TIME
SPAN =
187.5ms
TIME ELAPSED (ms)
375
750
1125
1500
140
141
142
143
144
145
146
147
148
0
RAMP INSTRUCTION
LP55231
www.ti.com
SNOSCR5 – MARCH 2013
Figure 26. Example of Ramp Instruction
SET_PWM
This instruction is used for setting the PWM value on the outputs D1 to D9 without any ramps. Set PWM output
value from 0 to 255 with PWM value bits [7:0]. Instruction execution takes sixteen 32 kHz clock cycles (=488 µs).
Name
Value (d)
Description
PWM value (i)(1)
0 - 255
PWM output duty cycle 0 - 100%
0 = local variable A
1 = local variable B
variable (ii)(1)
0 - 3
2 = global variable C
3 = register address 3CH variable D value, or register address 42H value.
(1)
(i) Valid for numerical operands. (ii) Valid for variables.
WAIT
When a wait instruction is executed, the engine is set in wait status, and the PWM values on the outputs are
frozen.
Name
Value (d)
Description
0
Divide master clock (32.7 kHz) by 16 which means 0.488 ms cycle time.
prescale
1
Divide master clock (32 768 Hz) by 512 which means 15.625 ms cycle time.
time
1 - 31
Total wait time will be = (time) x (prescale). Maximum 484 ms, minimum 0.488 ms.
LED Mapping Instructions
These instructions define the engine-to-LED mapping. The mapping information is stored in a table, which is
stored in the SRAM (program memory of the LP55231). LP55231 has three program execution engines which
can be mapped to 9 LED drivers. One engine can control one or multiple LED drivers. There are totally eleven
instructions for the engine-to-LED-driver control: mux_ld_start, mux_map_start, mux_ld_end, mux_sel, mux_clr,
mux_map_next, mux_map_prev, mux_ld_next, mux_ld_prev, mux_ld_addr and mux_map_addr.
MUX_LD_START; MUX_LD_END
Mux_ld_start and mux_ld_end define the mapping table location in the memory.
Name
Value (d)
Description
SRAM address
0-95
Mapping table start/end address
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Links: LP55231



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com