Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP55231 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # LP55231
Description  LP55231 Programmable 9-Output LED Driver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP55231 Datasheet(HTML) 39 Page - Texas Instruments

Back Button LP55231 Datasheet HTML 35Page - Texas Instruments LP55231 Datasheet HTML 36Page - Texas Instruments LP55231 Datasheet HTML 37Page - Texas Instruments LP55231 Datasheet HTML 38Page - Texas Instruments LP55231 Datasheet HTML 39Page - Texas Instruments LP55231 Datasheet HTML 40Page - Texas Instruments LP55231 Datasheet HTML 41Page - Texas Instruments LP55231 Datasheet HTML 42Page - Texas Instruments LP55231 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
LP55231
www.ti.com
SNOSCR5 – MARCH 2013
Table 6. LP55231 Branch Instructions (continued)
Bit
Bit
Bit
Bit
Bit
Bit
Bit
Bit
Bit
Inst.
Bit [8]
Bit [6]
Bit [5]
Bit [3] Bit [2]
Bit [1] Bit [0]
[15]
[14]
[13]
[12]
[11]
[10]
[9]
[7]
[4]
wait for trigger
send a trigger
trigger
1
1
1
0
ext.
ext.
X(3)
X(3)
E3
E2
E1
X(3)
X(3)
E3
E2
E1
trig
trig
Number of instructions to be skipped
variable
variable
jne
1
0
0
0
1
0
0
if the operation returns true
1
2
Number of instructions to be skipped
variable
variable
jl
1
0
0
0
1
0
1
if the operation returns true
1
2
Number of instructions to be skipped
variable
variable
jge
1
0
0
0
1
1
0
if the operation returns true
1
2
Number of instructions to be skipped
variable
variable
je
1
0
0
0
1
1
1
if the operation returns true
1
2
(3)
X means do not care.
Table 7. LP55231 Data Transfer and Arithmetic Instructions
Bit
Bit
Bit
Bit
Bit
Bit
Bit
Bit
Bit
Inst.
Bit [8]
Bit [6]
Bit [5]
Bit [3] Bit [2]
Bit [1] Bit [0]
[15]
[14]
[13]
[12]
[11]
[10]
[9]
[7]
[4]
target
ld
1
0
0
1
0
0
8-bit value
variable
target
add(1)
1
0
0
1
0
1
8-bit value
variable
variabl variabl
target
add(2)
1
0
0
1
1
1
0
0
0
0
e
e
variable
1
2
target
sub(1)
1
0
0
1
1
0
8-bit value
variable
variabl variabl
target
sub(2)
1
0
0
1
1
1
0
0
0
1
e
e
variable
1
2
(1)
This opcode is used with numerical operands.
(2)
This opcode is used with variables.
LED Driver Instructions
RAMP
This is the instruction useful for smoothly changing from one PWM value into another PWM value on the D1 to
D9 outputs; in other words, generating ramps (with a negative or positive slope). The LP55231 allows
programming very fast and very slow ramps.
Ramp instruction generates a PWM ramp, using the effective PWM value as a starting value. At each ramp step
the output is incremented/decremented by one unit, unless the number of increments is 0. Time span for one
ramp step is defined with prescale -bit [14] and step time -bits [13:9]. Prescale = 0 sets 0.49 ms cycle time and
prescale = 1 sets 15.6 ms cycle time; so the minimum time span for one step is 0.49 ms (prescale * step time
span = 0.49 ms x 1) and the maximum time span is 15.6 ms x 31 = 484 ms/step.
Number of increments value defines how many steps will be taken during one ramp instruction; increment
maximum value is 255d, which corresponds increment from zero value to the maximum value. If PWM reaches
minimum/maximum value (0/255) during the ramp instruction, ramp instruction will be executed to the end
regardless of saturation. This enables ramp instruction to be used as a combined ramp & wait instruction. Note:
Ramp instruction is wait instruction when the increment bits [7:0] are set to zero.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: LP55231



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com