Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM186 Datasheet(PDF) 30 Page - Advanced Micro Devices

Part # AM186
Description  High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186 Datasheet(HTML) 30 Page - Advanced Micro Devices

Back Button AM186 Datasheet HTML 26Page - Advanced Micro Devices AM186 Datasheet HTML 27Page - Advanced Micro Devices AM186 Datasheet HTML 28Page - Advanced Micro Devices AM186 Datasheet HTML 29Page - Advanced Micro Devices AM186 Datasheet HTML 30Page - Advanced Micro Devices AM186 Datasheet HTML 31Page - Advanced Micro Devices AM186 Datasheet HTML 32Page - Advanced Micro Devices AM186 Datasheet HTML 33Page - Advanced Micro Devices AM186 Datasheet HTML 34Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 112 page
background image
30
Am186TMER and Am188TMER Microcontrollers Data Sheet
DRAF
T
PIN DESCRIPTIONS
Pins Used by Emulators
The following pins are used by emulators: A19–A0,
AO15–AO8, AD7–AD0, ALE, BHE/ADEN (on the
Am186ER microcontroller), CLKOUTA, RFSH2/ADEN
(on the Am188ER microcontroller), RD, S2, S1/IMDIS,
S0/SREN, S6/CLKSEL1, and UZI/CLKSEL2.
Emu la to rs re qu ire th at S6/C LKSEL1 and UZI /
CLKSEL2 be configured in their normal functionality,
that is, as S6 and UZI. If BHE/ADEN (on the Am186ER
microcontroller) or RFSH2/ADEN (on the Am188ER
microcontroller) is held Low during the rising edge of
RES, S6 and UZI are configured in their normal func-
tionality and cannot be programmed as PIOs.
A19–A0
(A19/PIO9, A18/PIO8, A17/PIO7)
Address Bus (output, three-state, synchronous)
These pins supply nonmultiplexed memory or I/O ad-
dresses to the system one-half of a CLKOUTA period
earlier than the multiplexed address and data bus
(AD15–AD0 on the Am186ER microcontroller or
AO15–AO8 and AD7–AD0 on the Am188ER microcon-
troller). During a bus hold or reset condition, the ad-
dress bus is in a high-impedance state.
AD7–AD0
Address and Data Bus (input/output, three-state,
synchronous, level-sensitive)
These time-multiplexed pins supply partial memory or
I/O addresses, as well as data, to the system. AD7–
AD0 supply the low-order 8 bits of an address to the
system during the first period of a bus cycle (t1). On a
write, these pins supply data to the system during the
remaining periods of that cycle (t2, t3, and t4). On a
read, these pins latch data at the end of t3.
Also, if S0/SREN (show read enable) was pulled Low
during reset or if the SR bit is set in the Internal Memory
Chip Select (IMCS) Register, these pins supply the
data read from internal memory during t3 and t4.
On the Am186ER microcontroller, AD7–AD0 combine
with AD15–AD8 to form a complete multiplexed ad-
dress and 16-bit data bus.
On the Am188ER microcontroller, AD7–AD0 combine
with AO15–AO8 to form a complete multiplexed ad-
dress bus while AD7–AD0 is the 8-bit data bus.
The address phase of these pins can be disabled. See
the ADEN description with the BHE/ADEN pin. When
WLB is negated, these pins are three-stated during t2,
t3, and t4.
During a bus hold or reset condition, the address and
data bus are in a high-impedance state.
During a power-on reset, the address and data bus
pins (AD15–AD0 for the Am186ER microcontroller,
AO15–AO8 and AD7–AD0 for the Am188ER microcon-
troller) can also be used to load system configuration
information into the internal reset configuration regis-
ter. The system information is latched on the rising
edge of RES.
AD15–AD8 (Am186™ER Microcontroller)
Address and Data Bus (input/output, three-state,
synchronous, level-sensitive)
These time-multiplexed pins supply partial memory or
I/O addresses, as well as data, to the system. AD15–
AD8 supply the high-order 8 bits of an address to the
system during the first period of a bus cycle (t1). On a
write, these pins supply data to the system during the
remaining periods of that cycle (t2, t3, and t4). On a
read, these pins latch data at the end of t3.
Also, if S0/SREN (show read enable) was pulled Low
during reset or if the SR bit is set in the Internal Memory
Chip Select (IMCS) Register, these pins supply the
data read from internal memory during t3 and t4.
On the Am186ER microcontroller, AD15–AD8 combine
with AD7–AD0 to form a complete multiplexed address
and 16-bit data bus.
The address phase of these pins can be disabled. See
the ADEN description with the BHE/ADEN pin. When
WHB is negated, these pins are three-stated during t2,
t3, and t4.
During a bus hold or reset condition, the address and
data bus is in a high-impedance state.
During a power-on reset, the address and data bus
pins (AD15–AD0 for the Am186ER microcontroller,
AO15–AO8 and AD7–AD0 for the Am188ER microcon-
troller) can also be used to load system configuration
information into the internal reset configuration regis-
ter. The system information is latched on the rising
edge of RES.
AO15–AO8 (Am188™ER Microcontroller)
Address-Only Bus (output, three-state,
synchronous, level-sensitive)
On the Am188ER microcontroller, the address-only
bus (AO15–AO8) contains valid high-order address bits
from bus cycles t1–t4. These outputs are three-stated
during a bus hold or reset.
On the Am188ER microcontroller, AO15–AO8 combine
with AD7–AD0 to form a complete multiplexed address
bus while AD7–AD0 is the 8-bit data bus.
On the Am188ER microcontroller during a power-on
reset, the AO15–AO8 and AD7–AD0 pins can also be
used to load system configuration information into an
internal register for later use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com