Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM186 Datasheet(PDF) 35 Page - Advanced Micro Devices

Part # AM186
Description  High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186 Datasheet(HTML) 35 Page - Advanced Micro Devices

Back Button AM186 Datasheet HTML 31Page - Advanced Micro Devices AM186 Datasheet HTML 32Page - Advanced Micro Devices AM186 Datasheet HTML 33Page - Advanced Micro Devices AM186 Datasheet HTML 34Page - Advanced Micro Devices AM186 Datasheet HTML 35Page - Advanced Micro Devices AM186 Datasheet HTML 36Page - Advanced Micro Devices AM186 Datasheet HTML 37Page - Advanced Micro Devices AM186 Datasheet HTML 38Page - Advanced Micro Devices AM186 Datasheet HTML 39Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 112 page
background image
Am186TMER and Am188TMER Microcontrollers Data Sheet
35
DRAF
T
PIO31–PIO0 (Shared)
Programmable I/O Pins (input/output,
asynchronous, open-drain)
The Am186ER and Am188ER microcontrollers provide
32 individually programmable I/O pins. Each PIO can
be programmed with the following attributes: PIO func-
tion (enabled/disabled), direction (input/output), and
weak pullup or pulldown.
On the Am186ER and Am188ER microcontrollers, the
internal pullup resistor has a value of approximately
100 kohms. The internal pulldown resistor has a value
of approximately 100 kohms.
The pins that are multiplexed with PIO31–PIO0 are
listed in Table 3 and Table 4 on page 36.
After power-on reset, the PIO pins default to various
configurations. The column titled
Power-On Reset Sta-
tus in Table 3 and Table 4 lists the defaults for the PIOs.
The system initialization code must reconfigure any
PIOs as required.
If PIO29 (S6/CLKSEL1) is to be used in input mode, the
input device must not drive PIO29 Low during power-
on reset. The pin defaults to a PIO input with pullup, so
it does not need to be driven High externally.
The A19–A17 address pins default to normal operation
on power-on reset, allowing the processor to correctly
begin fetching instructions at the boot address
FFFF0h. The DT/R, DEN, and SRDY pins also default
to normal operation on power-on reset.
RD
Read Strobe (output, synchronous, three-state)
This pin indicates to the system that the microcontroller
is performing a memory or I/O read cycle. RD is guar-
anteed not to be asserted before the address and data
bus is floated during the address-to-data transition. RD
is three-stated during bus holds and ONCE mode.
RES
Reset (input, asynchronous, level-sensitive)
This pin requires the microcontroller to perform a reset.
When RES is asserted, the microcontroller immedi-
ately terminates its present activity, clears its internal
logic, and CPU control is transferred to the reset ad-
dress FFFF0h.
RES must be held Low for at least 1 ms.
RES can be asserted asynchronously to CLKOUTA be-
cause RES is synchronized internally. For proper initial-
ization, VCC must be within specifications, and
CLKOUTA must be stable for more than four CLKOUTA
periods during which RES is asserted.
The microcontroller begins fetching instructions ap-
proximately 6.5 CLKOUTA periods after RES is deas-
serted. This input is provided with a Schmitt trigger to
facilitate power-on RES generation via an RC network.
RFSH2/ADEN
(Am188™ER Microcontroller Only)
Refresh 2 (three-state, output, synchronous)
Address Enable (input, internal pullup)
RFSH2—Asserted Low to signify a DRAM refresh bus
cycle. The use of RFSH2/ADEN to signal a refresh is
not valid when PSRAM mode is selected. Instead, the
MCS3/RFSH signal is provided to the PSRAM. During
reset, this pin is a pullup. This pin is three-stated during
bus holds and ONCE mode.
ADEN—If RFSH2/ADEN is held High or left floating on
power-on reset, the AD bus (AO15–AO8 and AD7–AD0)
is enabled or disabled during the address portion of LCS
and UCS bus cycles based on the DA bit in the LMCS
and UMCS registers. If the DA bit is set, the memory ad-
dress is accessed on the A19–A0 pins. This mode of op-
eration reduces power consumption. For more
information, see the Bus Operation section on page 41.
There is a weak internal pullup resistor on RFSH2/
ADEN so no external pullup is required.
If RFSH2/ADEN is held Low on power-on reset, the AD
bus drives both addresses and data. Changing the DA
bit of the LMCS and UMCS registers will have no effect.
(S6 and UZI also assume their normal functionality in
this instance. The PIO Mode and Direction registers
cannot reconfigure these pins as PIOs. See Table 3
and Table 4 on page 36.) The pin is sampled within
three crystal clock cycles after the rising edge of RES.
RFSH2/ADEN is three-stated during bus holds and
ONCE mode.
Note: Once the above modes are set, they can be
changed only by resetting the processor.
RXD/PIO28
Receive Data (input, asynchronous)
This pin supplies asynchronous serial receive data
from the system to the internal UART of the microcon-
troller.
S2
Bus Cycle Status (output, three-state,
synchronous)
S2—This pin indicates to the system the type of bus
cycle in progress. S2 can be used as a logical memory
or I/O indicator. S2–S0 are three-stated during bus
holds, hold acknowledges, and ONCE mode. During
reset, these pins are pullups. The S2–S0 pins are en-
coded as shown in Table 5 on page 37.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com