Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM186 Datasheet(PDF) 57 Page - Advanced Micro Devices

Part # AM186
Description  High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186 Datasheet(HTML) 57 Page - Advanced Micro Devices

Back Button AM186 Datasheet HTML 53Page - Advanced Micro Devices AM186 Datasheet HTML 54Page - Advanced Micro Devices AM186 Datasheet HTML 55Page - Advanced Micro Devices AM186 Datasheet HTML 56Page - Advanced Micro Devices AM186 Datasheet HTML 57Page - Advanced Micro Devices AM186 Datasheet HTML 58Page - Advanced Micro Devices AM186 Datasheet HTML 59Page - Advanced Micro Devices AM186 Datasheet HTML 60Page - Advanced Micro Devices AM186 Datasheet HTML 61Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 112 page
background image
Am186TMER and Am188TMER Microcontrollers Data Sheet
57
DRAF
T
registers are used to control and monitor the interface.
Refer to Figure 14 and Figure 15 on page 58 for dia-
grams of SSI reads and writes.
Four-Pin Interface
The two enable pins SDEN1–SDEN0 can be used di-
rectly as enables for up to two peripheral devices.
Transmit and receive operations are synchronized be-
tween the master (Am186ER or Am188ER microcon-
troller) and slave (peripherals) by means of the SCLK
output. SCLK is derived from the internal processor
clock and is the processor clock divided by 2, 4, 8, or
16.
PROGRAMMABLE I/O (PIO) PINS
There are 32 pins on the Am186ER and Am188ER mi-
crocontrollers that are available as multipurpose sig-
nals. Table 3 and Table 4 on page 36 list the PIO pins.
Each of these pins can be used as a user-programma-
ble input or output signal if the normal shared function
is not needed.
If a pin is enabled to function as a PIO signal, the pre-
assigned signal function is disabled and does not affect
the level on the pin. A PIO signal can be configured to
operate as an input (with or without a weak pullup or
pulldown), as an output, or as an open-drain output.
Configuration as an open-drain output is accomplished
by keeping the appropriate PDATA bits constant in the
PIO data register and writing the data value into its as-
sociated bit position in the PIO direction register, so the
output is either driving Low or is disabled, depending
on the data.
After power-on reset, the PIO pins default to various
configurations. The column titled
Power-On Reset Sta-
tus in Table 3 and Table 4 on page 36 lists the defaults
for the PIOs. The system initialization code must recon-
figure the PIOs as required.
Note: WDT reset does not reset PIO registers.
The A19–A17 address pins default to normal operation
on power-on reset, allowing the processor to correctly
begin fetching instructions at the boot address
FFFF0h. The DT/R, DEN, and SRDY pins also default
to normal operation on power-on reset.
Note that emulators use A19, A18, A17, S6, and UZI.
System designers using these signals as PIOs should
check with their emulator vendor for limitations on em-
ulator operation.
If the AD15–AD0 bus override is enabled on power-on
reset, then S6/CLKSEL2 and UZI/CLKSEL1 revert to
normal operation instead of PIO input with pullup. Many
emulators assert the ADEN override. If BHE/ADEN
( A m186E R micr ocontr o ller ) or R F SH 2/ADEN
(Am188ER microcontroller) is held Low during power-
on reset, the AD15–AD0 bus override is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com