Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM186 Datasheet(PDF) 100 Page - Advanced Micro Devices

Part # AM186
Description  High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186 Datasheet(HTML) 100 Page - Advanced Micro Devices

Back Button AM186 Datasheet HTML 96Page - Advanced Micro Devices AM186 Datasheet HTML 97Page - Advanced Micro Devices AM186 Datasheet HTML 98Page - Advanced Micro Devices AM186 Datasheet HTML 99Page - Advanced Micro Devices AM186 Datasheet HTML 100Page - Advanced Micro Devices AM186 Datasheet HTML 101Page - Advanced Micro Devices AM186 Datasheet HTML 102Page - Advanced Micro Devices AM186 Datasheet HTML 103Page - Advanced Micro Devices AM186 Datasheet HTML 104Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 112 page
background image
100
Am186TMER and Am188TMER Microcontrollers Data Sheet
DRAF
T
Reset Waveforms
Signals Related to Reset Waveforms
X1
RES
CLKOUTA
57
57
Note:
RES must be held Low for 1 ms during power-up to ensure proper device initialization. Activating the PLL will require 1 ms
to achieve a stable clock.
BHE/ADEN*,
RFSH2/ADEN*,
S6/CLKSEL1* **,
UZI/CLKSEL2**
S1/IMDIS*,
and S0/SREN*
RES
CLKOUTA
AD15–AD0 (186)
AO15–AO8,
AD7–AD0 (188)
Notes:
* Because BHE, RFSH2, S6, UZI, S1, and S0 are not driven for 6.5 clocks after reset, their alternate functions can be
asserted with external pulldown resistors.
** In Divide by Two mode and Times One mode, S6/CLKSEL1 and UZI/CLKSEL2 must be held for 3 clock cycles after
reset negates.
***In Times Four mode, S6/CLKSEL1 and UZI/CLKSEL2 must be held for 5 clock cycles after reset negates.
S6/CLKSEL1***,
UZI/CLKSEL2***
Three-State
Three-State
Divide by Two and Times One Modes
Times Four Mode
Three-State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com