Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM186 Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # AM186
Description  High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186 Datasheet(HTML) 1 Page - Advanced Micro Devices

  AM186 Datasheet HTML 1Page - Advanced Micro Devices AM186 Datasheet HTML 2Page - Advanced Micro Devices AM186 Datasheet HTML 3Page - Advanced Micro Devices AM186 Datasheet HTML 4Page - Advanced Micro Devices AM186 Datasheet HTML 5Page - Advanced Micro Devices AM186 Datasheet HTML 6Page - Advanced Micro Devices AM186 Datasheet HTML 7Page - Advanced Micro Devices AM186 Datasheet HTML 8Page - Advanced Micro Devices AM186 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 112 page
background image
© Copyright 2000 Advanced Micro Devices, Inc. All rights reserved.
Publication# 20732
Rev: D Amendment/0
Issue Date: June 2000
DRAF
T
Am186
and Am188
High-Performance, 80C186- and 80C188-Compatible,
16-Bit Embedded Microcontrollers with RAM
DISTINCTIVE CHARACTERISTICS
n E86TM family 80C186- and 80C188-compatible
microcontrollers with enhanced bus interface
— Lower system cost with high performance
—3.3-V
± 0.3-V operation with 5-V tolerant I/O
n Memory integration
— 32 Kbyte of internal SRAM
— Internal SRAM provides same performance as
zero-wait-state external memory
n High performance
— 25-, 33-, 40- and 50-MHz operating frequencies
— Supports zero-wait-state operation at 50 MHz
with 55-ns external memory
— 1-Mbyte memory address space
— 64-Kbyte I/O space
n Enhanced features provide faster access to
memory and various clock input modes
— Nonmultiplexed address bus provides glueless
interface to external RAM and ROM
— Phase-locked loop (PLL) enables processor to
operate at up to four times clock input frequency
n Enhanced integrated peripherals
— Thirty-two programmable I/O (PIO) pins
— Asynchronous serial port allows full-duplex, 7-bit
or 8-bit data transfers
— DMA to and from asynchronous serial port
— Synchronous serial interface allows half-duplex,
bidirectional data transfer to and from ASICs
— Reset configuration register
— Additional external interrupts
— Hardware watchdog timer can generate NMI or
system reset
— Pseudo static RAM (PSRAM) controller includes
auto refresh capability
n Familiar 80C186 peripherals with enhanced
functionality
— Two independent DMA channels
— Programmable interrupt controller with six
external interrupts
— Three programmable 16-bit timers
— Programmable memory and peripheral
chip-select logic
— Programmable wait state generator
— Power-save clock mode
n Software-compatible with the 80C186 and
80C188 microcontrollers
n Widely available native development tools,
applications, and system software
n Available in the following packages:
— 100-pin, thin quad flat pack (TQFP)
— 100-pin, plastic quad flat pack (PQFP)
GENERAL DESCRIPTION
The Am186TMER and Am188TMER microcontrollers are
par t of the A M D E86™ f amil y of embedded
microcontrollers and microprocessors based on the
x86 architecture. The Am186ER and Am188ER
microcontrollers are the ideal upgrade for designs
r e q u ir ing
80C 186/ 80C 188
micr oco n tr ol ler
co mpa tibi li ty, i n c r ea se d per for m anc e , se r i al
communications, a direct bus interface, and integrated
memory.
The Am186ER and Am188ER microcontrollers
integrate memory and the functions of the CPU,
nonmultiplexed address bus, timers, chip selects,
interrupt controller, DMA controller, PSRAM controller,
w a t c hdog tim e r, asynchr o n ous se r i al por t,
synchronous serial interface, and programmable I/O
(PIO) pins on one chip. Compared to the 80C186/
80C18 8 mic r ocon tr o lle r s, th e Am1 86ER an d
Am188ER microcontrollers enable designers to reduce
the size, power consumption, and cost of embedded
sy stems , whil e inc r easi ng functional ity and
performance.
The Am186ER and Am188ER microcontrollers have
be en design ed to meet th e m o st co mmon
requirements of embedded products developed for the
communications, office automation, mass storage, and
general embedded markets. Specific applications
include feature phones, cellular phones, PBXs,
multiplexers, modems, disk drives, hand-held terminals
and desktop ter minals, fax machines, printers,
photocopiers, and industrial controls.
ER
TM
TMER


Similar Part No. - AM186

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
AM186CC15DN PULSE-AM186CC15DN Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Advanced Micro Devices
AM186ED AMD-AM186ED Datasheet
1Mb / 88P
High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
logo
Rochester Electronics
AM186ED-20KC ROCHESTER-AM186ED-20KC Datasheet
592Kb / 1P
ADVANCED MICROCONTROLLER from the Am186ED/EDLV family made from original AMD wafers
logo
Advanced Micro Devices
AM186ED-20KC/W AMD-AM186ED-20KC/W Datasheet
1Mb / 88P
High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
logo
Rochester Electronics
AM186ED-20KI ROCHESTER-AM186ED-20KI Datasheet
592Kb / 1P
ADVANCED MICROCONTROLLER from the Am186ED/EDLV family made from original AMD wafers
More results

Similar Description - AM186

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM188ES-40KCW AMD-AM188ES-40KCW Datasheet
1Mb / 102P
High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
AM186ED AMD-AM186ED Datasheet
1Mb / 88P
High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
AM186EM AMD-AM186EM Datasheet
1Mb / 98P
High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
logo
Microchip Technology
PIC24HJXXXGPX06 MICROCHIP-PIC24HJXXXGPX06 Datasheet
4Mb / 286P
High-Performance, 16-Bit Microcontrollers
2007
DSPIC33FJ32GP202 MICROCHIP-DSPIC33FJ32GP202 Datasheet
3Mb / 252P
High-Performance, 16-Bit Microcontrollers
2007
PIC24HJXXXGPX06A MICROCHIP-PIC24HJXXXGPX06A Datasheet
4Mb / 294P
High-Performance, 16-Bit Microcontrollers
2009
70592C MICROCHIP-70592C Datasheet
4Mb / 314P
High-Performance, 16-bit Microcontrollers
2011
PIC24HJ64GP206A-I MICROCHIP-PIC24HJ64GP206A-I Datasheet
2Mb / 304P
High-Performance,16-bit Microcontrollers
03/26/09
PIC24HJ128GP206-I MICROCHIP-PIC24HJ128GP206-I Datasheet
2Mb / 286P
High-Performance, 16-Bit Microcontrollers
06/25/07
PIC24HJ128GP510-I MICROCHIP-PIC24HJ128GP510-I Datasheet
2Mb / 286P
High-Performance, 16-Bit Microcontrollers
06/25/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com