Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM186 Datasheet(PDF) 12 Page - Advanced Micro Devices

Part # AM186
Description  High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186 Datasheet(HTML) 12 Page - Advanced Micro Devices

Back Button AM186 Datasheet HTML 8Page - Advanced Micro Devices AM186 Datasheet HTML 9Page - Advanced Micro Devices AM186 Datasheet HTML 10Page - Advanced Micro Devices AM186 Datasheet HTML 11Page - Advanced Micro Devices AM186 Datasheet HTML 12Page - Advanced Micro Devices AM186 Datasheet HTML 13Page - Advanced Micro Devices AM186 Datasheet HTML 14Page - Advanced Micro Devices AM186 Datasheet HTML 15Page - Advanced Micro Devices AM186 Datasheet HTML 16Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 112 page
background image
12
Am186TMER and Am188TMER Microcontrollers Data Sheet
DRAF
T
E86™ FAMILY OF EMBEDDED MICROPROCESSORS AND MICROCONTROLLERS
Table 1.
Related AMD Products—E86™ Family Devices
Device1
Notes:
1. 186 = 16-bit microcontroller and 80C186-compatible (except where noted otherwise); 188 = 16-bit microcontroller with 8-bit
external data bus and 80C188-compatible (except where noted otherwise); LV = low voltage
Description
80C186/80C188
16-bit microcontroller
80L186/80L188
Low-voltage, 16-bit microcontroller
Am186™EM/Am188™EM
High-performance, 16-bit embedded microcontroller
Am186EMLV/Am188EMLV
High-performance, 16-bit embedded microcontroller
Am186ES/Am188ES
High-performance, 16-bit embedded microcontroller
Am186ESLV/Am188ESLV
High-performance, 16-bit embedded microcontroller
Am186ED
High-performance, 80C186- and 80C188-compatible, 16-bit embedded microcontroller with 8- or
16-bit external data bus
Am186EDLV
High-performance, 80C186- and 80C188-compatible, low-voltage, 16-bit embedded
microcontroller with 8- or 16-bit external data bus
Am186ER/Am188ER
High-performance, low-voltage, 16-bit embedded microcontroller with 32 Kbyte of internal SRAM
Am186CC
High-performance, 16-bit embedded communications controller
Am186CH
High-performance, 16-bit embedded HDLC microcontroller
Am186CU
High-performance, 16-bit embedded USB microcontroller
ÉlanSC300
High-performance, highly integrated, low-voltage, 32-bit embedded microcontroller
ÉlanSC310
High-performance, single-chip, 32-bit embedded PC/AT-compatible microcontroller
ÉlanSC400
High-performance, single-chip, low-power, PC/AT-compatible microcontroller
ÉlanSC410
High-performance, single-chip, PC/AT-compatible microcontroller
ÉlanSC520
High-performance, single-chip, 32-bit embedded microcontroller
Am386®SX
High-performance, 32-bit embedded microprocessor with 16-bit external data bus
Am386®DX
High-performance, 32-bit embedded microprocessor with 32-bit external data bus
Am486®DX
High-performance, 32-bit embedded microprocessor with 32-bit external data bus
Am5x86®
High-performance, 32-bit embedded microprocessor with 32-bit external data bus
AMD-K6™-2E
High-performance, 32-bit embedded microprocessor with 64-bit external data bus
and 3DNow!™ technology
Am386®SX/DX
Microprocessors
Am486®DX
Microprocessor
E86™ Family of Embedded Microprocessors and Microcontrollers
Am186ES and
Am188™EM
Am188EMLV
Microcontrollers
Am188ER
— Microprocessors
— 16- and 32-bit microcontrollers
— 16-bit microcontrollers
AMD-K6™-2E
Microprocessor
Am5x86®
Microprocessor
Am186CC
Communications
Controller
Am186™CU USB
Microcontroller
Am186CH HDLC
Microcontroller
80C186 and 80C188
Microcontrollers
Am188ES
Microcontrollers
Am186EM and
Microcontrollers
80L186 and 80L188
Microcontrollers
Am186EMLV &
Microcontrollers
Am186ESLV &
Am188ESLV
Am186ER and
Microcontrollers
Am186ED
Am186EDLV
Microcontroller
Microcontroller
Élan™SC310
Microcontroller
ÉlanSC300
Microcontroller
ÉlanSC410
Microcontroller
ÉlanSC400
Microcontroller
ÉlanSC520
Microcontroller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com