Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM186 Datasheet(PDF) 4 Page - Advanced Micro Devices

Part # AM186
Description  High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186 Datasheet(HTML) 4 Page - Advanced Micro Devices

  AM186 Datasheet HTML 1Page - Advanced Micro Devices AM186 Datasheet HTML 2Page - Advanced Micro Devices AM186 Datasheet HTML 3Page - Advanced Micro Devices AM186 Datasheet HTML 4Page - Advanced Micro Devices AM186 Datasheet HTML 5Page - Advanced Micro Devices AM186 Datasheet HTML 6Page - Advanced Micro Devices AM186 Datasheet HTML 7Page - Advanced Micro Devices AM186 Datasheet HTML 8Page - Advanced Micro Devices AM186 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 112 page
background image
4Am186TMER and Am188TMER Microcontrollers Data Sheet
DRAF
T
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order numbers (valid combinations) are
formed by a combination of the elements below.
–25 = 25 MHz
–33 = 33 MHz
–40 = 40 MHz
–50 = 50 MHz
TEMPERATURE RANGE
C = ER Commercial (TC=0°C to +100°C)
I = ER Industrial (TA=–40°C to +85°C)
where: TC= case temperature
where: TA= ambient temperature
SPEED OPTION
DEVICE NUMBER/DESCRIPTION
LEAD FORMING
\W=Trimmed and Formed
Valid combinations list configurations planned to be
supported in volume for this device. Consult the
local AMD sales office to confirm availability of
specific valid combinations and to check on newly
released combinations.
Valid Combinations
PACKAGE TYPE
V=100-Pin Thin Quad Flat Pack (TQFP)
K=100-Pin Plastic Quad Flat Pack (PQFP)
Am186ER = High-Performance, 80C186-Compatible,
16-Bit Embedded Microcontroller with RAM
Am188ER = High-Performance, 80C188-Compatible,
16-Bit Embedded Microcontroller with RAM
–50
V
C
\W
Am186ER
Valid Combinations
Am186ER–25
Am186ER–33
Am186ER–40
Am186ER–50
VC\W or
KC\W
Am188ER–25
Am188ER–33
Am188ER–40
Am188ER–50
VC\W or
KC\W
Am186ER–25
Am186ER–33
Am186ER–40
Am186ER–50
KI\W or
VI\W
Am188ER–25
Am188ER–33
Am188ER–40
Am188ER–50
KI\W or
VI\W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com