Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM186 Datasheet(PDF) 32 Page - Advanced Micro Devices

Part # AM186
Description  High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186 Datasheet(HTML) 32 Page - Advanced Micro Devices

Back Button AM186 Datasheet HTML 28Page - Advanced Micro Devices AM186 Datasheet HTML 29Page - Advanced Micro Devices AM186 Datasheet HTML 30Page - Advanced Micro Devices AM186 Datasheet HTML 31Page - Advanced Micro Devices AM186 Datasheet HTML 32Page - Advanced Micro Devices AM186 Datasheet HTML 33Page - Advanced Micro Devices AM186 Datasheet HTML 34Page - Advanced Micro Devices AM186 Datasheet HTML 35Page - Advanced Micro Devices AM186 Datasheet HTML 36Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 112 page
background image
32
Am186TMER and Am188TMER Microcontrollers Data Sheet
DRAF
T
DRQ1–DRQ0
(DRQ1/PIO13, DRQ0/PIO12)
DMA Requests (input, synchronous,
level-sensitive)
These pins indicate to the microcontroller that an exter-
nal device is ready for DMA channel 1 or channel 0 to
perform a transfer. DRQ1–DRQ0 are level-triggered
and internally synchronized.
The DRQ signals are not latched and must remain ac-
tive until serviced.
DT/R/PIO4
Data Transmit or Receive (output, three-state,
synchronous)
This pin indicates which direction data should flow
through an external data-bus transceiver. When DT/R
is asserted High, the microcontroller transmits data.
When this pin is deasserted Low, the microcontroller
receives data. DT/R is three-stated during a bus hold or
reset condition.
GND
Ground
The ground pins connect the system ground to the mi-
crocontroller.
HLDA
Bus Hold Acknowledge (output, synchronous)
When an external bus master requests control of the
local bus (by asserting HOLD), the microcontroller
completes the bus cycle in progress and then relin-
quishes control of the bus to the external bus master by
asserting HLDA and floating DEN, RD, WR, S2–S0,
AD15–AD0, S6, A19–A0, BHE, WHB, WLB, and DT/R,
and then driving the chip selects UCS, LCS, MCS3–
MCS0, PCS6–PCS5, and PCS3–PCS0 High.
When the external bus master has finished using the
local bus, it indicates this to the microcontroller by
deasserting HOLD. The microcontroller responds by
deasserting HLDA.
If the microcontroller requires access to the bus (that is,
for refresh), it will deassert HLDA before the external
bus master deasserts HOLD. The external bus master
must be able to deassert HOLD and allow the micro-
controller access to the bus. See the timing diagrams
for bus hold on page 101. This pin is three-stated dur-
ing ONCE mode.
HOLD
Bus Hold Request (input, synchronous,
level-sensitive)
This pin indicates to the microcontroller that an external
bus master needs control of the local bus. For more in-
formation, see the HLDA pin description.
The Am186ER and Am188ER microcontrollers’ HOLD
latency time, the time between HOLD request and
HOLD acknowledge, is a function of the activity occur-
ring in the processor when the HOLD request is re-
ceived. A HOLD request is second only to DRAM or
PSRAM refresh requests in priority of activity requests
received by the processor. This implies that if a HOLD
request is received just as a DMA transfer begins, the
HOLD latency can be as great as four bus cycles. This
occurs if a DMA word transfer operation is taking place
(Am186ER microcontroller only) from an odd address
to an odd address. This is a total of 16 clock cycles or
more if wait states are required. In addition, if locked
transfers are performed, the HOLD latency time is in-
creased by the length of the locked transfer.
INT0
Maskable Interrupt Request 0 (input,
asynchronous)
This pin indicates to the microcontroller that an inter-
rupt request has occurred. If the INT0 pin is not
masked, the microcontroller transfers program execu-
tion to the location specified by the INT0 vector in the
microcontroller interrupt vector table.
Interrupt requests are synchronized internally and can
be edge-triggered or level-triggered. To guarantee in-
terrupt recognition, the requesting device must con-
tinue asserting INT0 until the request is acknowledged.
INT1/SELECT
Maskable Interrupt Request 1 (input,
asynchronous)
Slave Select (input, asynchronous)
INT1—This pin indicates to the microcontroller that an
interrupt request has occurred. If INT1 is not masked,
the microcontroller transfers program execution to the
location specified by the INT1 vector in the microcon-
troller interrupt vector table.
Interrupt requests are synchronized internally and can
be edge-triggered or level-triggered. To guarantee in-
terrupt recognition, the requesting device must con-
tinue asserting INT1 until the request is acknowledged.
SELECT—When the microcontroller interrupt control
unit is operating as a slave to an external master inter-
rupt controller, this pin indicates to the microcontroller
that an interrupt type appears on the address and data
bus. The INT0 pin must indicate to the microcontroller
that an interrupt has occurred before the SELECT pin
indicates to the microcontroller that the interrupt type
appears on the bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com