Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM186 Datasheet(PDF) 52 Page - Advanced Micro Devices

Part # AM186
Description  High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186 Datasheet(HTML) 52 Page - Advanced Micro Devices

Back Button AM186 Datasheet HTML 48Page - Advanced Micro Devices AM186 Datasheet HTML 49Page - Advanced Micro Devices AM186 Datasheet HTML 50Page - Advanced Micro Devices AM186 Datasheet HTML 51Page - Advanced Micro Devices AM186 Datasheet HTML 52Page - Advanced Micro Devices AM186 Datasheet HTML 53Page - Advanced Micro Devices AM186 Datasheet HTML 54Page - Advanced Micro Devices AM186 Datasheet HTML 55Page - Advanced Micro Devices AM186 Datasheet HTML 56Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 112 page
background image
52
Am186TMER and Am188TMER Microcontrollers Data Sheet
DRAF
T
Peripheral Chip Selects
The Am186ER and Am188ER microcontrollers provide
six chip selects, PCS6–PCS5 and PCS3–PCS0, for
use within a user-locatable memory or I/O block. PCS4
is not available on the Am186ER and Am188ER micro-
controllers. The base address of the memory block can
be located anywhere within the 1-Mbyte memory ad-
dress space, exclusive of the areas associated with the
UCS, LCS, and MCS chip selects, or they can be con-
figured to access the 64-Kbyte I/O space.
The PCS pins are not active on reset. PCS6–PCS5 can
have from zero to three wait states. PCS3–PCS0 can
have four additional wait-state values—5, 7, 9, and 15.
Unlike the UCS and LCS chip selects, the PCS outputs
assert with the multiplexed AD address bus. Note also
that each peripheral chip select asser ts over a
256-byte address range, which is twice the address
range covered by peripheral chip selects in the 80C186
and 80C188 microcontrollers.
INTERNAL MEMORY
The Am186ER and Am188ER microcontrollers provide
32 Kbyte of on-chip RAM. The integration of memory
helps to reduce the overall cost, power, and size of sys-
tem designs. The internal memory also improves reli-
ability with fewer connections and eases inventory
management and system qualification because of the
integrated supply.
The internal RAM for the Am186ER microcontroller is a
16K x 16-bit-wide array (32 Kbyte) which provides the
same performance as 16-bit external zero-wait-state
RAM. For the Am188ER microcontroller, the internal
RAM is a 32K x 8-bit-wide array (32 Kbyte) that pro-
vides the same performance as 8-bit external zero
wait-state RAM.
Interaction with External RAM
The Am186ER and Am188ER microcontrollers include
an Internal Memory Chip Select (IMCS) Register to
control the mapping of the internal RAM. The internal
address space can be located at any 32-Kbyte bound-
ary within the 1-Mbyte memory address space, pro-
vided that it does not overlap any external chip selects.
If an overlap does occur, the external chip select must
be set to 0 wait states and to ignore external ready. If
the internal and external chip selects overlap, both will
be active, but the internal memory data will be used on
reads. Writes, with all the corresponding external con-
trol signals, will occur to both devices. Special system
consideration must be made for show read cycles,
since those cycles will drive data out on reads.
If internal and external chip selects overlap and the ex-
ternal chip selects are not set to 0 wait states and to ig-
nore external ready, the results are unpredictable.
Because of the many potential problems with overlap-
ping chip selects, this practice is not recommended.
The base address of the internal RAM is determined by
the value of bits BA19–BA15 in the IMCS Register. Be-
cause the interrupt vector table is located at 00000h, it
is not unusual to store the interrupt vector table in the
internal RAM for faster access, and thus program the
IMCS Register for a base address of 0. However, this
scenario may lead to a memory address overlap be-
tween the IMCS and low memory chip select (LMCS)
registers, as the base address of the LMCS Register is
always 0 if activated.
Emulator and Debug Modes
There are two debug modes associated with the inter-
nal memory. One mode allows users to disable the in-
ternal RAM, and the other mode makes it possible to
drive data on the external data bus during internal RAM
read cycles.
Normal operation of internal RAM has all control signals
for reads and writes and data for writes visible externally.
Accesses to internal memory can be detected externally
by comparing the address on A19–A0 with the address
space of the internal memory.
Internal Memory Disable
When this mode is activated, the internal RAM is dis-
abled and all accesses into the internal memory space
are made externally for debugging purposes. This
mode is activated by pulling the S1/IMDIS pin Low dur-
ing reset. To use this debug mode, internal memory
space must first be activated via the IMCS Register.
Show Read Enable
When this mode is activated, the data from the internal
RAM read cycles are driven on the AD15–AD0 bus.
Note that if a byte read is being shown, the unused byte
will also be driven on the AD15–AD0 bus. This mode
can be activated externally by pulling the S0/SREN pin
Low during reset or by setting the SR bit in the IMCS
Register. If this feature is activated externally using the
SREN pin, the value of the SR bit is ignored. Many em-
ulators assert the SREN pin.
During an internal memory read with show read en-
abled, the address will be driven on the AD bus during
t1 and t2. The data being read will be driven on the AD
bus during t3 and t4 by the Am186ER or Am188ER mi-
crocontrollers. Special system care must be taken to
avoid bus contention, because normal reads have the
AD bus three-stated during t2, t3, and t4. It is best to en-
sure that no external device overlaps the internal mem-
ory space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com