Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM186 Datasheet(PDF) 8 Page - Advanced Micro Devices

Part # AM186
Description  High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186 Datasheet(HTML) 8 Page - Advanced Micro Devices

Back Button AM186 Datasheet HTML 4Page - Advanced Micro Devices AM186 Datasheet HTML 5Page - Advanced Micro Devices AM186 Datasheet HTML 6Page - Advanced Micro Devices AM186 Datasheet HTML 7Page - Advanced Micro Devices AM186 Datasheet HTML 8Page - Advanced Micro Devices AM186 Datasheet HTML 9Page - Advanced Micro Devices AM186 Datasheet HTML 10Page - Advanced Micro Devices AM186 Datasheet HTML 11Page - Advanced Micro Devices AM186 Datasheet HTML 12Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 112 page
background image
8Am186TMER and Am188TMER Microcontrollers Data Sheet
DRAF
T
DRAF
T
Switching Characteristics over Commercial and Industrial Operating Ranges,
Internal RAM Show Read Cycle (40 MHz and 50 MHz) ................................................ 76
Internal RAM Show Read Cycle Waveform ................................................................... 77
Switching Characteristics over Commercial and Industrial Operating Ranges,
PSRAM Read Cycle (25 MHz and 33 MHz) .................................................................. 78
Switching Characteristics over Commercial and Industrial Operating Ranges,
PSRAM Read Cycle (40 MHz and 50 MHz) .................................................................. 79
PSRAM Read Cycle Waveforms ................................................................................... 80
Switching Characteristics over Commercial and Industrial Operating Ranges,
PSRAM Write Cycle (25 MHz and 33 MHz) ................................................................... 81
Switching Characteristics over Commercial and Industrial Operating Ranges,
PSRAM Write Cycle (40 MHz and 50 MHz) ................................................................... 82
PSRAM Write Cycle Waveforms .................................................................................... 83
Switching Characteristics over Commercial and Industrial Operating Ranges,
PSRAM Refresh Cycle (25 MHz and 33 MHz) .............................................................. 84
Switching Characteristics over Commercial and Industrial Operating Ranges,
PSRAM Refresh Cycle (40 MHz and 50 MHz) .............................................................. 85
PSRAM Refresh Cycle Waveforms ............................................................................... 86
Switching Characteristics over Commercial and Industrial Operating Ranges,
Interrupt Acknowledge Cycle (25 MHz and 33 MHz) ..................................................... 87
Switching Characteristics over Commercial Operating Ranges,
Interrupt Acknowledge Cycle (40 MHz and 50 MHz) ..................................................... 88
Interrupt Acknowledge Cycle Waveforms ...................................................................... 89
Switching Characteristics over Commercial and Industrial Operating Ranges,
Software Halt Cycle (25 MHz and 33 MHz) ................................................................... 90
Switching Characteristics over Commercial and Industrial Operating Ranges,
Software Halt Cycle (40 MHz and 50 MHz) ................................................................... 90
Software Halt Cycle Waveforms .................................................................................... 91
Switching Characteristics over Commercial and Industrial Operating Ranges,
Clock (25 MHz) .............................................................................................................. 92
Switching Characteristics over Commercial and Industrial Operating Ranges,
Clock (33 MHz) .............................................................................................................. 93
Switching Characteristics over Commercial and Industrial Operating Ranges,
Clock (40 MHz and 50 MHz) .......................................................................................... 94
Clock Waveforms—Active Mode ................................................................................... 95
Clock Waveforms—Power-Save Mode .......................................................................... 95
Switching Characteristics over Commercial and Industrial Operating Ranges,
Ready and Peripheral Timing (25 MHz and 33 MHz) .................................................... 96
Switching Characteristics over Commercial and Industrial Operating Ranges,
Ready and Peripheral Timing (40 MHz and 50 MHz) .................................................... 96
Synchronous Ready Waveforms ................................................................................... 97
Asynchronous Ready Waveforms .................................................................................. 97
Peripheral Waveforms ................................................................................................... 98
Switching Characteristics over Commercial and Industrial Operating Ranges,
Reset and Bus Hold (25 MHz and 33 MHz) ................................................................... 99
Switching Characteristics over Commercial and Industrial Operating Ranges,
Reset and Bus Hold (40 MHz and 50 MHz) ................................................................... 99
Reset Waveforms ........................................................................................................ 100
Signals Related to Reset Waveforms .......................................................................... 100
Bus Hold Waveforms—Entering .................................................................................. 101
Bus Hold Waveforms—Leaving ................................................................................... 101
Switching Characteristics over Commercial and Industrial Operating Ranges,
Synchronous Serial Interface (SSI) (25 MHz and 33 MHz) ......................................... 102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com