Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM186 Datasheet(PDF) 39 Page - Advanced Micro Devices

Part # AM186
Description  High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186 Datasheet(HTML) 39 Page - Advanced Micro Devices

Back Button AM186 Datasheet HTML 35Page - Advanced Micro Devices AM186 Datasheet HTML 36Page - Advanced Micro Devices AM186 Datasheet HTML 37Page - Advanced Micro Devices AM186 Datasheet HTML 38Page - Advanced Micro Devices AM186 Datasheet HTML 39Page - Advanced Micro Devices AM186 Datasheet HTML 40Page - Advanced Micro Devices AM186 Datasheet HTML 41Page - Advanced Micro Devices AM186 Datasheet HTML 42Page - Advanced Micro Devices AM186 Datasheet HTML 43Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 112 page
background image
Am186TMER and Am188TMER Microcontrollers Data Sheet
39
DRAF
T
Table 6.
Clocking Modes
VCC
Power Supply (input)
These pins supply power (+3.3 V) to the microcontrol-
ler.
WHB (Am186™ER Microcontroller Only)
Write High Byte (output, three-state, synchronous)
This pin and WLB indicate to the system which bytes of
the data bus (upper, lower, or both) participate in a
write cycle. In 80C186 designs, this information is pro-
vided by BHE, AD0, and WR. However, by using WHB
and WLB, the standard system interface logic and ex-
ternal address latch that were required are eliminated.
WHB is asserted with AD15–AD8. WHB is the logical
OR of BHE and WR. During reset, this pin is a pullup.
This pin is three-stated during bus holds and ONCE
mode.
WLB (Am186™ER Microcontroller Only)
WB (Am188™ER Microcontroller Only)
Write Low Byte (output, three-state, synchronous)
Write Byte (output, three-state, synchronous)
WLB—This pin and WHB indicate to the system which
bytes of the data bus (upper, lower, or both) participate
in a write cycle. In 80C186 designs, this information is
provided by BHE, AD0, and WR. However, by using
WHB and WLB, the standard system interface logic
and external address latch that were required are elim-
inated.
WLB is asserted with AD7–AD0. WLB is the logical OR
of A0 and WR. This pin is three-stated during bus holds
and ONCE mode.
WB—On the Am188ER microcontroller, this pin indi-
cates a write to the bus. WB uses the same early timing
as the nonmultiplexed address bus. WB is associated
with AD7–AD0. This pin is three-stated during bus
holds and ONCE mode.
WR
Write Strobe (output, synchronous)
This pin indicates to the system that the data on the bus
is to be written to a memory or I/O device. WR is three-
stated during a bus hold or reset condition.
X1
Crystal Input (input)
This pin and the X2 pin provide connections for a fun-
damental mode crystal used by the internal oscillator
circuit. If providing an external clock source, connect
the source to X1 and leave X2 unconnected. Unlike the
rest of the pins on the Am186ER and Am188ER micro-
controllers, X1 is not 5-V tolerant and has a maximum
input equal to VCC.
X2
Crystal Output (output)
This pin and the X1 pin provide connections for a fun-
damental mode crystal used by the internal oscillator
circuit. If providing an external clock source, connect
the source to X1 and leave X2 unconnected. Unlike the
rest of the pins on the Am186ER and Am188ER micro-
controllers, X2 is not 5-V tolerant.
CLKSEL2CLKSEL1
Clocking Mode
HH
Times Four
HL
Divide by Two
LH
Times One
LL
Reserved1
Notes:
1. The reserved clocking mode should not be used. Entering
the reserved clocking mode may cause unpredictable
system behavior.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com