Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM186 Datasheet(PDF) 94 Page - Advanced Micro Devices

Part # AM186
Description  High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186 Datasheet(HTML) 94 Page - Advanced Micro Devices

Back Button AM186 Datasheet HTML 90Page - Advanced Micro Devices AM186 Datasheet HTML 91Page - Advanced Micro Devices AM186 Datasheet HTML 92Page - Advanced Micro Devices AM186 Datasheet HTML 93Page - Advanced Micro Devices AM186 Datasheet HTML 94Page - Advanced Micro Devices AM186 Datasheet HTML 95Page - Advanced Micro Devices AM186 Datasheet HTML 96Page - Advanced Micro Devices AM186 Datasheet HTML 97Page - Advanced Micro Devices AM186 Datasheet HTML 98Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 112 page
background image
94
Am186TMER and Am188TMER Microcontrollers Data Sheet
DRAF
T
Switching Characteristics over Commercial and Industrial Operating Ranges
Clock (40 MHz and 50 MHz)
Notes:
All timing parameters are measured at VCC/2 with 50 pF loading on CLKOUTA, unless otherwise noted. All
output test conditions are with CL=50 pF. For switching tests, VIL=0.3 V and VIH =VCC–0.3 V.
a
The Times One mode should be used for operations from 16 MHz to 20 MHz. The Times Four mode should
be used for operations above 20 MHz.
Preliminary
Parameter
40 MHz
50 MHz
No.
Symbol
Description
Min
Max
Min
Max
Unit
CLKIN Requirements for Times Four Mode
36
tCKIN
X1 Period(a)
100
125
80
125
ns
37
tCLCK
X1 Low Time (1.5 V)(a)
45
35
ns
38
tCHCK
X1 High Time (1.5 V)(a)
45
35
ns
39
tCKHL
X1 Fall Time (3.5 to 1.0 V)(a)
5
5
ns
40
tCKLH
X1 Rise Time (1.0 to 3.5 V)(a)
5
5
ns
CLKIN Requirements for Times One Mode
36
tCKIN
X1 Period(a)
25
60
Not Supported
ns
37
tCLCK
X1 Low Time (1.5 V)(a)
7.5
ns
38
tCHCK
X1 High Time (1.5 V)(a)
7.5
ns
39
tCKHL
X1 Fall Time (3.5 to 1.0 V)(a)
5
ns
40
tCKLH
X1 Rise Time (1.0 to 3.5 V)(a)
5
ns
CLKIN Requirements for Divide by Two Mode
36
tCKIN
X1 Period(a)
12.5
33
Not Supported
ns
37
tCLCK
X1 Low Time (1.5 V)(a)
1.25
ns
38
tCHCK
X1 High Time (1.5 V)(a)
1.25
ns
39
tCKHL
X1 Fall Time (3.5 to 1.0 V)(a)
5
ns
40
tCKLH
X1 Rise Time (1.0 to 3.5 V)(a)
5
ns
CLKOUT Timing
42
tCLCL
CLKOUTA Period
25
20
ns
43
tCLCH
CLKOUTA Low Time (CL=50 pF)
0.5tCLCL–1.25=11.25
0.5tCLCL–1=9
ns
44
tCHCL
CLKOUTA High Time (CL=50 pF) 0.5tCLCL–1.25=11.25
0.5tCLCL–1=9
ns
45
tCH1CH2
CLKOUTA Rise Time (1.0 to 3.5 V)
3
3
ns
46
tCL2CL1
CLKOUTA Fall Time (3.5 to 1.0 V)
3
3
ns
61
tLOCK
Maximum PLL Lock Time
1
1
ms
69
tCICOA
X1 to CLKOUTA Skew
20
15
ns
70
tCICOB
X1 to CLKOUTB Skew
24
21
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com