Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM186 Datasheet(PDF) 76 Page - Advanced Micro Devices

Part # AM186
Description  High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186 Datasheet(HTML) 76 Page - Advanced Micro Devices

Back Button AM186 Datasheet HTML 72Page - Advanced Micro Devices AM186 Datasheet HTML 73Page - Advanced Micro Devices AM186 Datasheet HTML 74Page - Advanced Micro Devices AM186 Datasheet HTML 75Page - Advanced Micro Devices AM186 Datasheet HTML 76Page - Advanced Micro Devices AM186 Datasheet HTML 77Page - Advanced Micro Devices AM186 Datasheet HTML 78Page - Advanced Micro Devices AM186 Datasheet HTML 79Page - Advanced Micro Devices AM186 Datasheet HTML 80Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 112 page
background image
76
Am186TMER and Am188TMER Microcontrollers Data Sheet
DRAF
T
Switching Characteristics over Commercial and Industrial Operating Ranges
Internal RAM Show Read Cycle (25 MHz and 33 MHz)
Switching Characteristics over Commercial and Industrial Operating Ranges
Internal RAM Show Read Cycle (40 MHz and 50 MHz)
Preliminary
Parameter
25 MHz
33 MHz
No.
Symbol
Description
Min
Max
Min
Max
Unit
General Timing Responses
5
tCLAV
AD Address Valid Delay
0
20
0
15
ns
7
tCLDV
Data Valid Delay
0
20
0
15
ns
9
tCHLH
ALE Active Delay
20
15
ns
11
tCHLL
ALE Inactive Delay
20
15
ns
Read Cycle Timing Responses
25
tCLRL
RD Active Delay
0
20
0
15
ns
27
tCLRH
RD Inactive Delay
0
20
0
15
ns
68
tCHAV
CLKOUTA High to A Address Valid
0
20
0
15
ns
Preliminary
Parameter
40 MHz
50 MHz
No.
Symbol
Description
Min
Max
Min
Max
Unit
General Timing Responses
5
tCLAV
AD Address Valid Delay
0
12
0
10
ns
7
tCLDV
Data Valid Delay
0
12
0
10
ns
9
tCHLH
ALE Active Delay
12
10
ns
11
tCHLL
ALE Inactive Delay
12
10
ns
Read Cycle Timing Responses
25
tCLRL
RD Active Delay
0
10
0
10
ns
27
tCLRH
RD Inactive Delay
0
12
0
10
ns
68
tCHAV
CLKOUTA High to A Address Valid
0
10
0
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com