Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM186 Datasheet(PDF) 64 Page - Advanced Micro Devices

Part # AM186
Description  High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186 Datasheet(HTML) 64 Page - Advanced Micro Devices

Back Button AM186 Datasheet HTML 60Page - Advanced Micro Devices AM186 Datasheet HTML 61Page - Advanced Micro Devices AM186 Datasheet HTML 62Page - Advanced Micro Devices AM186 Datasheet HTML 63Page - Advanced Micro Devices AM186 Datasheet HTML 64Page - Advanced Micro Devices AM186 Datasheet HTML 65Page - Advanced Micro Devices AM186 Datasheet HTML 66Page - Advanced Micro Devices AM186 Datasheet HTML 67Page - Advanced Micro Devices AM186 Datasheet HTML 68Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 112 page
background image
64
Am186TMER and Am188TMER Microcontrollers Data Sheet
DRAF
T
Table 14 shows typical maximum ambient temperatures in degrees Centigrade for a TQFP package used with a
2-layer board. The typical ambient temperatures are based on a 100-degree Centigrade maximum case
temperature. Figure 19 illustrates the typical temperatures in Table 14.
Table 14.
Typical Ambient Temperatures for TQFP with Two-Layer Board
Figure 19. Typical Ambient Temperatures for TQFP with Two-Layer Board
Microcontroller
Speed
Typical Power
(Watts)
Linear Feet per Minute Airflow
0 fpm
200 fpm
400 fpm
600 fpm
50 MHz
0.662
69.5
76.1
80.1
81.4
40 MHz
0.522
76.0
81.2
84.3
85.4
33 MHz
0.432
80.1
84.4
87.0
87.9
25 MHz
0.342
84.2
87.7
89.7
90.4
Airflow (Linear Feet Per Minute)
0 fpm
200 fpm
400 fpm
600 fpm
s 50 MHz
x 25 Mhz
H 33 MHz
q 40 MHz
Legend:
70
75
80
85
90
95
q
q
q
q
I
I
I
I
x
x
x
x
s
s
s
s
65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com