Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM186 Datasheet(PDF) 90 Page - Advanced Micro Devices

Part # AM186
Description  High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186 Datasheet(HTML) 90 Page - Advanced Micro Devices

Back Button AM186 Datasheet HTML 86Page - Advanced Micro Devices AM186 Datasheet HTML 87Page - Advanced Micro Devices AM186 Datasheet HTML 88Page - Advanced Micro Devices AM186 Datasheet HTML 89Page - Advanced Micro Devices AM186 Datasheet HTML 90Page - Advanced Micro Devices AM186 Datasheet HTML 91Page - Advanced Micro Devices AM186 Datasheet HTML 92Page - Advanced Micro Devices AM186 Datasheet HTML 93Page - Advanced Micro Devices AM186 Datasheet HTML 94Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 112 page
background image
90
Am186TMER and Am188TMER Microcontrollers Data Sheet
DRAF
T
Switching Characteristics over Commercial and Industrial Operating Ranges
Software Halt Cycle (25 MHz and 33 MHz)
Notes:
All timing parameters are measured at VCC/2 with 50 pF loading on CLKOUTA, unless otherwise noted. All
output test conditions are with CL=50 pF. For switching tests, VIL=0.3 V and VIH =VCC–0.3 V.
a
Testing is performed with equal loading on referenced pins.
b
This parameter applies to the DEN signal.
Switching Characteristics over Commercial and Industrial Operating Ranges
Software Halt Cycle (40 MHz and 50 MHz)
Notes:
All timing parameters are measured at VCC/2 with 50 pF loading on CLKOUTA, unless otherwise noted. All
output test conditions are with CL=50 pF. For switching tests, VIL=0.3 V and VIH =VCC–0.3 V.
a
Testing is performed with equal loading on referenced pins.
b
This parameter applies to the DEN signal.
Preliminary
Parameter
25 MHz
33 MHz
No.
Symbol
Description
Min
Max
Min
Max
Unit
General Timing Responses
3
tCHSV
Status Active Delay
0
20
0
15
ns
4
tCLSH
Status Inactive Delay
0
20
0
15
ns
5
tCLAV
AD Address Invalid Delay
0
20
0
15
ns
9
tCHLH
ALE Active Delay
20
15
ns
10
tLHLL
ALE Width
tCLCL–10=30
tCLCL–10=20
ns
11
tCHLL
ALE Inactive Delay
20
15
ns
19
tDXDL
DEN Inactive to DT/R Low(a)
0
0
ns
22
tCHCTV
Control Active Delay 2(b)
0
20
0
15
ns
68
tCHAV
CLKOUTA High to A Address Invalid
0
20
0
15
ns
Preliminary
Parameter
40 MHz
50 MHz
No.
Symbol
Description
Min
Max
Min
Max
Unit
General Timing Responses
3
tCHSV
Status Active Delay
0
12
0
10
ns
4
tCLSH
Status Inactive Delay
0
12
0
10
ns
5
tCLAV
AD Address Invalid Delay
0
12
0
10
ns
9
tCHLH
ALE Active Delay
12
10
ns
10
tLHLL
ALE Width
tCLCL–5=20
15
ns
11
tCHLL
ALE Inactive Delay
12
10
ns
19
tDXDL
DEN Inactive to DT/R Low(a)
0
0
ns
22
tCHCTV
Control Active Delay 2(b)
0
12
0
10
ns
68
tCHAV
CLKOUTA High to A Address Invalid
0
10
0
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com