Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM186 Datasheet(PDF) 47 Page - Advanced Micro Devices

Part # AM186
Description  High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186 Datasheet(HTML) 47 Page - Advanced Micro Devices

Back Button AM186 Datasheet HTML 43Page - Advanced Micro Devices AM186 Datasheet HTML 44Page - Advanced Micro Devices AM186 Datasheet HTML 45Page - Advanced Micro Devices AM186 Datasheet HTML 46Page - Advanced Micro Devices AM186 Datasheet HTML 47Page - Advanced Micro Devices AM186 Datasheet HTML 48Page - Advanced Micro Devices AM186 Datasheet HTML 49Page - Advanced Micro Devices AM186 Datasheet HTML 50Page - Advanced Micro Devices AM186 Datasheet HTML 51Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 112 page
background image
Am186TMER and Am188TMER Microcontrollers Data Sheet
47
DRAF
T
Figure 9. Peripheral Control Block Register Map (Continued)
Offset
(Hexadecimal)
10
12
14
16
18
3E
40
42
70
72
74
Register Name
ww
ww
ww
Changed from original Am186
microcontroller
44
76
78
7A
Notes: Gaps in offset addresses
indicate reserved registers. No
access should be made to reserved
registers.
5C
5E
60
62
66
50
52
54
56
58
5A
Timer 2 Mode/Control Register
Timer 2 Maxcount Compare A Register
Timer 2 Count Register
Timer 1 Mode/Control Register
Timer 1 Maxcount Compare B Register
Timer 1 Maxcount Compare A Register
Timer 1 Count Register
Timer 0 Mode/Control Register
Timer 0 Maxcount Compare B Register
Timer 0 Maxcount Compare A Register
Timer 0 Count Register
3C
3A
38
36
34
32
30
2E
2C
2A
28
26
24
22
20
PIO Data 1 Register
PIO Direction 1 Register
PIO Mode 0 Register
PIO Mode 1 Register
PIO Data 0 Register
PIO Direction 0 Register
INT2 Control Register
INT1 Control Register
INT0 Control Register
DMA 1 Interrupt Control Register
DMA 0 Interrupt Control Register
Timer Interrupt Control Register
Interrupt Status Register
Interrupt Request Register
In-service Register
Interrupt Mask Register
Poll Status Register
Poll Register
End-of-Interrupt Register
Interrupt Vector Register
Synchronous Serial Transmit 1 Register
INT3 Control Register
Serial Port Interrupt Control Register
Watchdog Timer Interrupt Control Register
INT4 Control Register
Synchronous Serial Receive Register
Synchronous Serial Transmit 0 Register
Synchronous Serial Enable Register
Synchronous Serial Status Register
Priority Mask Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com