Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM186 Datasheet(PDF) 15 Page - Advanced Micro Devices

Part # AM186
Description  High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186 Datasheet(HTML) 15 Page - Advanced Micro Devices

Back Button AM186 Datasheet HTML 11Page - Advanced Micro Devices AM186 Datasheet HTML 12Page - Advanced Micro Devices AM186 Datasheet HTML 13Page - Advanced Micro Devices AM186 Datasheet HTML 14Page - Advanced Micro Devices AM186 Datasheet HTML 15Page - Advanced Micro Devices AM186 Datasheet HTML 16Page - Advanced Micro Devices AM186 Datasheet HTML 17Page - Advanced Micro Devices AM186 Datasheet HTML 18Page - Advanced Micro Devices AM186 Datasheet HTML 19Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 112 page
background image
Am186TMER and Am188TMER Microcontrollers Data Sheet
15
DRAF
T
Direct Memory Interface Example
Figure 1 illustrates the direct interface to memory of the
Am186ER microcontroller. The A19–A0 bus connects
to the memory address inputs, the AD bus connects to
the data inputs and outputs, and the chip selects con-
nect to the memory chip-select inputs.
Figure 1 also shows an implementation of an RS-232
console or modem communications port. The RS-232-
to-CMOS voltage-level converter is required for the
electrical interface with the external device.
COMPARISON OF THE Am186™ER AND
80C186 MICROCONTROLLERS
Figure 1 shows an example system using a 50-MHz
Am186ER microcontroller. Figure 2 shows a compara-
ble system implementation with an 80C186 microcon-
troller. Because of its superior integration, the
Am186ER system does not require the support devices
required on the 80C186 example system. In addition,
the Am186ER microcontroller provides significantly
better performance with its 50-MHz clock rate.
Figure 1. Am186™ER 50-MHz Example
System Design
Figure 2.
Typical 80C186 System Design
X2
X1
RS-232
Level
Converter
TXD
RXD
UCS
WR
RD
WE
OE
CS
AD15–AD0
A19–A0
Serial Port
Am186ER
Microcontroller
12.5-MHz
Crystal
Address
Data
32 Kbyte
SRAM
Timer 0–2
INT4–INT0
DMA 0–1
CLKOUTA
50 MHz
Am29F400
Flash
UCS
WR
WE
OE
CS
AD15–AD0
ALE
40-MHz
Crystal
Address
Data
Timer 0–2
INT3
DMA 0–1
CLKOUT
20 MHz
X2
X1
SRAM
WE
WE
Address
Data
OE
CS
RD
LCS
BHE
A0
PCS0
LATCH
Serial
Port
RS-232
Level
Converter
INT2–INT0
PIOs
Am29F400
Flash



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com