Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM186 Datasheet(PDF) 70 Page - Advanced Micro Devices

Part # AM186
Description  High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186 Datasheet(HTML) 70 Page - Advanced Micro Devices

Back Button AM186 Datasheet HTML 66Page - Advanced Micro Devices AM186 Datasheet HTML 67Page - Advanced Micro Devices AM186 Datasheet HTML 68Page - Advanced Micro Devices AM186 Datasheet HTML 69Page - Advanced Micro Devices AM186 Datasheet HTML 70Page - Advanced Micro Devices AM186 Datasheet HTML 71Page - Advanced Micro Devices AM186 Datasheet HTML 72Page - Advanced Micro Devices AM186 Datasheet HTML 73Page - Advanced Micro Devices AM186 Datasheet HTML 74Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 112 page
background image
70
Am186TMER and Am188TMER Microcontrollers Data Sheet
DRAF
T
Switching Characteristics over Commercial and Industrial Operating Ranges
Read Cycle (25 MHz and 33 MHz)
Notes:
All timing parameters are measured at VCC/2 with 50 pF loading on CLKOUTA, unless otherwise noted. All
output test conditions are with CL=50 pF. For switching tests, VIL=0.3 V and VIH =VCC–0.3 V.
a
Testing is performed with equal loading on referenced pins.
b
This parameter applies to the DEN, INTA1–INTA0, WR, WHB, and WLB signals.
c
If either spec 2 or spec 59 is met with respect to data hold time, the part will function correctly.
Preliminary
Parameter
25 MHz
33 MHz
No.
Symbol
Description
Min
Max
Min
Max
Unit
General Timing Requirements
1
tDVCL
Data in Setup
10
8
ns
2
tCLDX
Data in Hold(c)
3
3
ns
General Timing Responses
3
tCHSV
Status Active Delay
0
20
0
15
ns
4
tCLSH
Status Inactive Delay
0
20
0
15
ns
5
tCLAV
AD Address Valid Delay
0
20
0
15
ns
7
tCLDV
Data Valid Delay
0
20
0
15
ns
8
tCHDX
Status Hold Time
0
0
ns
9
tCHLH
ALE Active Delay
20
15
ns
10
tLHLL
ALE Width
tCLCL–10=30
tCLCL–10=20
ns
11
tCHLL
ALE Inactive Delay
20
15
ns
12
tAVLL
AD Address Valid to ALE Low(a)
tCLCH
tCLCH
ns
13
tLLAX
AD Address Hold from ALE Inactive(a)
tCHCL
tCHCL
ns
14
tAVCH
AD Address Valid to Clock High
0
0
ns
15
tCLAZ
AD Address Float Delay
tCLAX=0
20
tCLAX=0
15
ns
16
tCLCSV
MCS/PCS Active Delay
0
20
0
15
ns
17
tCXCSX
MCS/PCS Hold from Command
Inactive(a)
tCLCH
tCLCH
ns
18
tCHCSX
MCS/PCS Inactive Delay
0
20
0
15
ns
19
tDXDL
DEN Inactive to DT/R Low(a)
0
0
ns
20
tCVCTV
Control Active Delay 1(b)
0
20
0
15
ns
21
tCVDEX
DEN Inactive Delay
0
20
0
15
ns
22
tCHCTV
Control Active Delay 2(b)
0
20
0
15
ns
23
tLHAV
ALE High to Address Valid
15
10
ns
Read Cycle Timing Responses
24
tAZRL
AD Address Float to RD Active
0
0
ns
25
tCLRL
RD Active Delay
0
20
0
15
ns
26
tRLRH
RD Pulse Width
2tCLCL–15=65
2tCLCL–15=45
ns
27
tCLRH
RD Inactive Delay
0
20
0
15
ns
28
tRHLH
RD Inactive to ALE High(a)
tCLCH–3
tCLCH–3
ns
29
tRHAV
RD Inactive to AD Address Active(a)
tCLCL–10=30
tCLCL–10=20
ns
59
tRHDX
RD High to Data Hold on AD Bus(c)
0
0
ns
66
tAVRL
A Address Valid to RD Low
2tCLCL–15=65
2tCLCL–15=45
ns
67
tCHCSV
CLKOUTA High to LCS/UCS Valid
0
20
0
15
ns
68
tCHAV
CLKOUTA High to A Address Valid
0
20
0
15
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com