Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM186 Datasheet(PDF) 40 Page - Advanced Micro Devices

Part # AM186
Description  High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186 Datasheet(HTML) 40 Page - Advanced Micro Devices

Back Button AM186 Datasheet HTML 36Page - Advanced Micro Devices AM186 Datasheet HTML 37Page - Advanced Micro Devices AM186 Datasheet HTML 38Page - Advanced Micro Devices AM186 Datasheet HTML 39Page - Advanced Micro Devices AM186 Datasheet HTML 40Page - Advanced Micro Devices AM186 Datasheet HTML 41Page - Advanced Micro Devices AM186 Datasheet HTML 42Page - Advanced Micro Devices AM186 Datasheet HTML 43Page - Advanced Micro Devices AM186 Datasheet HTML 44Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 112 page
background image
40
Am186TMER and Am188TMER Microcontrollers Data Sheet
DRAF
T
FUNCTIONAL DESCRIPTION
The Am186ER and Am188ER microcontrollers are
based on the architecture of the original Am186 and
Am188 microcontrollers and they function in the en-
hanced mode of the Am186 and Am188 microcontrol-
lers. Enhanced mode includes system features such as
power-save control.
Each of the 8086, 8088, 80186, and 80188 microcon-
trollers contains the same basic set of registers, in-
structions, and addressing modes. The Am186ER and
Am188ER microcontrollers are backward compatible
with the 80C186/80C188 and Am186/Am188 micro-
controllers.
A full description of the Am186ER and Am188ER mi-
crocontrollers’ registers and instructions is included in
the
Am186ER and Am188ER Microcontrollers User’s
Manual, order #21684.
Memory Organization
Memory is organized in sets of segments. Each seg-
ment is a linear contiguous sequence of 64K (216) 8-bit
bytes. Memory is addressed using a two-component
address consisting of a 16-bit segment value and a 16-
bit offset. The 16-bit segment values are contained in
one of four internal segment registers (CS, DS, SS, or
ES). The physical address is calculated by shifting the
segment value left by 4 bits and adding the 16-bit offset
value to yield a 20-bit physical address (see Figure 3).
This allows for a 1-Mbyte physical address size.
All instructions that address operands in memory must
specify the segment value and the 16-bit offset value.
For speed and compact instruction encoding, the seg-
ment register used for physical address generation is
implied by the addressing mode used (see Table 7).
Figure 3.
Two-Component Address Example
I/O Space
The I/O space consists of 64K 8-bit or 32K 16-bit ports.
Separate instructions (IN, INS and OUT, OUTS)
address the I/O space with either an 8-bit port address
specified in the instruction, or a 16-bit port address in
the DX register. Eight-bit port addresses are zero-
extended such that A15–A8 are Low.
Table 7.
Segment Register Selection Rules
1
2
A
4
0
0
0
0
2
2
1
2
A
6
2
1
2
A
4
0
0
2
2
Segment
Base
Logical
Address
Shift
Left
4 Bits
Physical Address
To Memory
15
0
19
0
19
0
15
0
15
0
Offset
Memory Reference Needed
Segment Register Used Implicit Segment Selection Rule
Instructions
Code (CS)
Instructions (including immediate data)
Local Data
Data (DS)
All data references
Stack
Stack (SS)
All stack pushes and pops;
any memory references that use BP Register
External Data (Global)
Extra (ES)
All string instruction references that use the DI Register as an index



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com