Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM186 Datasheet(PDF) 38 Page - Advanced Micro Devices

Part # AM186
Description  High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186 Datasheet(HTML) 38 Page - Advanced Micro Devices

Back Button AM186 Datasheet HTML 34Page - Advanced Micro Devices AM186 Datasheet HTML 35Page - Advanced Micro Devices AM186 Datasheet HTML 36Page - Advanced Micro Devices AM186 Datasheet HTML 37Page - Advanced Micro Devices AM186 Datasheet HTML 38Page - Advanced Micro Devices AM186 Datasheet HTML 39Page - Advanced Micro Devices AM186 Datasheet HTML 40Page - Advanced Micro Devices AM186 Datasheet HTML 41Page - Advanced Micro Devices AM186 Datasheet HTML 42Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 112 page
background image
38
Am186TMER and Am188TMER Microcontrollers Data Sheet
DRAF
T
SRDY/PIO6
Synchronous Ready (input, synchronous,
level-sensitive)
This pin indicates to the microcontroller that the ad-
dressed memory space or I/O device will complete a
data transfer. The SRDY pin accepts an active High
input synchronized to CLKOUTA.
Using SRDY instead of ARDY allows a relaxed system
timing because of the elimination of the one-half clock
period required to internally synchronize ARDY. To al-
ways assert the ready condition to the microcontroller,
tie SRDY High. If the system does not use SRDY, tie the
pin Low to yield control to ARDY. When SRDY is config-
ured as P106, the internal SRDY signal is driven low.
TMRIN0/PIO11
Timer Input 0 (input, synchronous, edge-sensitive)
This pin supplies a clock or control signal to the internal
microcontroller timer 0. After internally synchronizing a
Low-to-High transition on TMRIN0, the microcontroller
increments the timer. TMRIN0 must be tied High if not
being used.
TMRIN1/PIO0
Timer Input 1 (input, synchronous, edge-sensitive)
This pin supplies a clock or control signal to the internal
microcontroller timer 1. After internally synchronizing a
Low-to-High transition on TMRIN1, the microcontroller
increments the timer. TMRIN1 must be tied High if not
being used.
TMROUT0/PIO10
Timer Output 0 (output, synchronous)
This pin supplies the system with either a single pulse
or a continuous waveform with a programmable duty
cycle.
TMROUT1/PIO1
Timer Output 1 (output, synchronous)
This pin supplies the system with either a single pulse
or a continuous waveform with a programmable duty
cycle.
TXD/PIO27
Transmit Data (output, asynchronous)
This pin supplies asynchronous serial transmit data to
the system from the internal UART of the microcontrol-
ler.
UCS/ONCE1
Upper Memory Chip Select (output, synchronous)
ONCE Mode Request 1 (input, internal pullup)
UCS—This pin indicates to the system that a memory
access is in progress to the upper memory block. The
base address and size of the upper memory block are
programmable up to 512 Kbyte. UCS is held High dur-
ing a bus hold condition.
After power-on reset, UCS is asserted because the mi-
crocontroller begins executing at FFFF0h and the de-
fault configuration for the UCS chip select is 64 Kbyte
from F0000h to FFFFFh.
ONCE1—During reset, this pin and ONCE0 indicate to
the microcontroller the mode in which it should operate.
ONCE0 and ONCE1 are sampled on the rising edge of
RES. If both pins are asserted Low, the microcontroller
enters ONCE mode. Otherwise, it operates normally. In
ONCE mode, all pins assume a high-impedance state
and remain in that state until a subsequent reset oc-
curs. To guarantee the microcontroller does not inad-
vertently enter ONCE mode, ONCE1 has a weak
internal pullup resistor that is active only during a reset.
UZI/CLKSEL2/PIO26
Upper Zero Indicate (output, synchronous)
UZI—This pin lets the designer determine if an ac-
cess to the interrupt vector table is in progress by
ORing it with bits 15–10 of the address and data bus
(AD15–AD10 on the Am186ER microcontroller and
AO15–AO10 on the Am188ER microcontroller). UZI
is the logical AND of the inverted A19–A16 bits. UZI
is not held throughout the cycle. UZI is asserted in
the first period and deasserted in the second period
of a bus cycle. UZI/CLKSEL2 is three-stated during
bus holds and ONCE mode.
CLKSEL2—The clocking mode of the Am186ER and
Am188ER microcontrollers is controlled by UZI/
CLKSEL2/PIO26 and S6/CLKSEL1/PIO29 during re-
set. Both CLKSEL2 and CLKSEL1 are held High during
power-on reset because of an internal pullup resistor.
This is the default clocking mode—Times Four, which
is used if neither clock select is asserted Low during re-
set.
If CLKSEL2 is held Low during power-on reset, the mi-
crocontroller enters Times One mode.
This pin is latched within three crystal clock cycles after
the rising edge of RES. Refer to Reset Waveforms on
page 100 and Signals Related to Reset Waveforms on
page 100 to determine signal hold times. Note that
clock selection must be stable four clock cycles prior to
exiting reset (that is, RES going High). See Table 6 on
page 39 for specifics on the clocking modes and how to
specify them. UZI/CLKSEL2 is three-stated during bus
holds and ONCE mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com