Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM186 Datasheet(PDF) 41 Page - Advanced Micro Devices

Part # AM186
Description  High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186 Datasheet(HTML) 41 Page - Advanced Micro Devices

Back Button AM186 Datasheet HTML 37Page - Advanced Micro Devices AM186 Datasheet HTML 38Page - Advanced Micro Devices AM186 Datasheet HTML 39Page - Advanced Micro Devices AM186 Datasheet HTML 40Page - Advanced Micro Devices AM186 Datasheet HTML 41Page - Advanced Micro Devices AM186 Datasheet HTML 42Page - Advanced Micro Devices AM186 Datasheet HTML 43Page - Advanced Micro Devices AM186 Datasheet HTML 44Page - Advanced Micro Devices AM186 Datasheet HTML 45Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 112 page
background image
Am186TMER and Am188TMER Microcontrollers Data Sheet
41
DRAF
T
BUS OPERATION
The industry-standard 80C186/80C188 microcontrol-
lers use a multiplexed address and data (AD) bus. The
address is present on the AD bus only during the t1
clock phase. The Am186ER and Am188ER microcon-
trollers continue to provide the multiplexed AD bus and,
in addition, provide a nonmultiplexed address (A) bus.
The A bus provides an address to the system for the
complete bus cycle (t1–t4).
For systems where power consumption is a concern,
the address can be disabled from being driven on the
AD bus on the Am186ER microcontroller and on the
AD and AO buses on the Am188ER microcontroller
during the normal address portion of the bus cycle for
accesses to UCS and/or LCS address spaces. In this
mode, the affected bus is placed in a high-impedance
state during the address portion of the bus cycle. This
feature is enabled through the DA bits in the UMCS and
LMCS registers. When address disable is in effect, the
number of signals that assert on the bus during all nor-
mal bus cycles to the associated address space is re-
duced, thus decreasing power consumption, reducing
processor switching noise, and preventing bus conten-
tion with memory devices and peripherals when oper-
ating at high cloc k r a tes . On the Am188E R
microcontroller, the address is driven on A015–A08
during the data portion of the bus cycle, regardless of
the setting of the DA bits.
If the ADEN pin is pulled Low during processor reset,
the value of the DA bits in the UMCS and LMCS regis-
ters is ignored and the address is driven on the AD bus
for all accesses, thus preserving the industry-standard
80C186 and 80C188 microcontrollers’ multiplexed ad-
dress bus and providing support for existing emulation
tools.
Figure 4 on page 42 shows the affected signals during
a normal read or write operation for an Am186ER mi-
crocontroller. The address and data will be multiplexed
onto the AD bus.
Figure 5 on page 42 shows an Am186ER microcontrol-
ler bus cycle when address bus disable is in effect. This
results in having the AD bus operate in a nonmulti-
plexed data-only mode. The A bus will have the ad-
dress during a read or write operation.
Figure 6 on page 43 shows the affected signals during a
normal read or write operation for an Am188ER micro-
controller. The multiplexed address/data mode is com-
patible with the 80C188 microcontrollers and might be
used to take advantage of existing logic or peripherals.
Figure 7 on page 43 shows an Am188ER microcontrol-
ler bus cycle when address bus disable is in effect. The
address and data is not multiplexed. The AD7–AD0
signals will have only data on the bus, while the A bus
will have the address during a read or write operation.
The AO bus will also have the address during t2–t4.
BUS INTERFACE UNIT
The bus interface unit controls all accesses to external
peripherals and memory devices. External accesses
include those to memory devices, as well as those to
memory-mapped and I/O-mapped peripherals and the
peripheral control block. The Am186ER and Am188ER
microcontrollers provide an enhanced bus interface
unit with the following features:
n A nonmultiplexed address bus
n Separate byte write enables for high and low bytes
on the Am186ER microcontroller and a write enable
on the Am188ER microcontroller
n Pseudo Static RAM (PSRAM) support
The standard 80C186/80C188 multiplexed address
and data bus requires system interface logic and an ex-
ternal address latch. On the Am186ER and Am188ER
microcontrollers, new byte write enables, PSRAM con-
trol logic, and a new nonmultiplexed address bus can
reduce design costs by eliminating this external logic.
Nonmultiplexed Address Bus
The nonmultiplexed address bus (A19–A0) is valid one-
half CLKOUTA cycle in advance of the address on the
AD bus. When used in conjunction with the modified
UCS and LCS outputs and the byte write enable sig-
nals, the A19–A0 bus provides a seamless interface to
external SRAM, PSRAM, and Flash/EPROM memory
systems.
Byte Write Enables
The Am186ER microcontroller provides the WHB
(Write High Byte) and WLB (Write Low Byte) signals
which act as byte write enables. The Am188ER micro-
controller provides the WB (Write Byte) signal which
acts as a write enable.
WHB is the logical AND of BHE and WR. WHB is Low
when both BHE and WR are Low. WLB is the logical
AND of A0 and WR. WLB is Low when A0 and WR are
both Low. WB is Low whenever a byte is written by the
Am188ER microcontroller.
The byte write enables are driven in conjunction with
the nonmultiplexed address bus as required for the
write timing requirements of common SRAMs.
Output Enable
The Am186ER and Am188ER microcontrollers provide
the RD (Read) signal which acts as an output enable.
The RD signal is Low when a word or byte is read by
the Am186ER or Am188ER microcontroller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com