Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM186 Datasheet(PDF) 68 Page - Advanced Micro Devices

Part # AM186
Description  High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186 Datasheet(HTML) 68 Page - Advanced Micro Devices

Back Button AM186 Datasheet HTML 64Page - Advanced Micro Devices AM186 Datasheet HTML 65Page - Advanced Micro Devices AM186 Datasheet HTML 66Page - Advanced Micro Devices AM186 Datasheet HTML 67Page - Advanced Micro Devices AM186 Datasheet HTML 68Page - Advanced Micro Devices AM186 Datasheet HTML 69Page - Advanced Micro Devices AM186 Datasheet HTML 70Page - Advanced Micro Devices AM186 Datasheet HTML 71Page - Advanced Micro Devices AM186 Datasheet HTML 72Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 112 page
background image
68
Am186TMER and Am188TMER Microcontrollers Data Sheet
DRAF
T
Alphabetical Key to Switching Parameter Symbols
Notes:
The following parameters are not defined or used at this time: 41, 56, 60, 73, 74, and 76.
Parameter
Symbol
No.
Description
Parameter
Symbol
No.
Description
tARYCH
49
ARDY Resolution Transition Setup Time
tCLDX
2
Data in Hold
tARYCHL
51
ARDY Inactive Holding Time
tCLEV
71
CLKOUTA Low to SDEN Valid
tARYLCL
52
ARDY Setup Time
tCLHAV
62
HLDA Valid Delay
tAVBL
87
A Address Valid to WHB, WLB Low
tCLRF
82
CLKOUTA High to RFSH Invalid
tAVCH
14
AD Address Valid to Clock High
tCLRH
27
RD Inactive Delay
tAVLL
12
AD Address Valid to ALE Low
tCLRL
25
RD Active Delay
tAVRL
66
A Address Valid to RD Low
tCLSH
4
Status Inactive Delay
tAVWL
65
A Address Valid to WR Low
tCLSL
72
CLKOUTA Low to SCLK Low
tAZRL
24
AD Address Float to RD Active
tCLSRY
48
SRDY Transition Hold Time
tCH1CH2
45
CLKOUTA Rise Time
tCLTMV
55
Timer Output Delay
tCHAV
68
CLKOUTA High to A Address Valid
tCOAOB
83
CLKOUTA to CLKOUTB Skew
tCHCK
38
X1 High Time
tCVCTV
20
Control Active Delay 1
tCHCL
44
CLKOUTA High Time
tCVCTX
31
Control Inactive Delay
tCHCSV
67
CLKOUTA High to LCS/UCS Valid
tCVDEX
21
DEN Inactive Delay
tCHCSX
18
MCS/PCS Inactive Delay
tCXCSX
17
MCS/PCS Hold from Command Inactive
tCHCTV
22
Control Active Delay 2
tDVCL
1
Data in Setup
tCHCV
64
Command Lines Valid Delay (after Float)
tDVSH
75
Data Valid to SCLK High
tCHCZ
63
Command Lines Float Delay
tDXDL
19
DEN Inactive to DT/R Low
tCHDX
8
Status Hold Time
tHVCL
58
HOLD Setup
tCHLH
9
ALE Active Delay
tINVCH
53
Peripheral Setup Time
tCHLL
11
ALE Inactive Delay
tINVCL
54
DRQ Setup Time
tCHRFD
79
CLKOUTA High to RFSH Valid
tLCRF
86
LCS Inactive to RFSH Active Delay
tCHSV
3
Status Active Delay
tLHAV
23
ALE High to Address Valid
tCICOA
69
X1 to CLKOUTA Skew
tLHLL
10
ALE Width
tCICOB
70
X1 to CLKOUTB Skew
tLLAX
13
AD Address Hold from ALE Inactive
tCKHL
39
X1 Fall Time
tLOCK
61
Maximum PLL Lock Time
tCKIN
36
X1 Period
tLRLL
84
LCS Precharge Pulse Width
tCKLH
40
X1 Rise Time
tRESIN
57
RES Setup Time
tCL2CL1
46
CLKOUTA Fall Time
tRFCY
85
RFSH Cycle Time
tCLARX
50
ARDY Active Hold Time
tRHAV
29
RD Inactive to AD Address Active
tCLAV
5
AD Address Valid Delay
tRHDX
59
RD High to Data Hold on AD Bus
tCLAX
6
Address Hold
tRHLH
28
RD Inactive to ALE High
tCLAZ
15
AD Address Float Delay
tRLRH
26
RD Pulse Width
tCLCH
43
CLKOUTA Low Time
tSHDX
77
SCLK High to SPI Data Hold
tCLCK
37
X1 Low Time
tSLDV
78
SCLK Low to SPI Data Valid
tCLCL
42
CLKOUTA Period
tSRYCL
47
SRDY Transition Setup Time
tCLCLX
80
LCS Inactive Delay
tWHDEX
35
WR Inactive to DEN Inactive
tCLCSL
81
LCS Active Delay
tWHDX
34
Data Hold after WR
tCLCSV
16
MCS/PCS Active Delay
tWHLH
33
WR Inactive to ALE High
tCLDOX
30
Data Hold Time
tWLWH
32
WR Pulse Width
tCLDV
7
Data Valid Delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com