Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM186 Datasheet(PDF) 37 Page - Advanced Micro Devices

Part # AM186
Description  High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186 Datasheet(HTML) 37 Page - Advanced Micro Devices

Back Button AM186 Datasheet HTML 33Page - Advanced Micro Devices AM186 Datasheet HTML 34Page - Advanced Micro Devices AM186 Datasheet HTML 35Page - Advanced Micro Devices AM186 Datasheet HTML 36Page - Advanced Micro Devices AM186 Datasheet HTML 37Page - Advanced Micro Devices AM186 Datasheet HTML 38Page - Advanced Micro Devices AM186 Datasheet HTML 39Page - Advanced Micro Devices AM186 Datasheet HTML 40Page - Advanced Micro Devices AM186 Datasheet HTML 41Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 112 page
background image
Am186TMER and Am188TMER Microcontrollers Data Sheet
37
DRAF
T
S1/IMDIS
Bus Cycle Status (output, three-state,
synchronous)
Internal Memory Disable (input, internal pullup)
S1—This pin indicates to the system the type of bus
cycle in progress. S1 can be used as a data transmit or
receive indicator. S2–S0 are three-stated during bus
holds, hold acknowledges, and ONCE mode. During
reset, these pins are pullups. The S2–S0 pins are en-
coded as shown in Table 5.
IMDIS—If asserted during reset, this pin disables inter-
nal memory. Internal memory disable mode is provided
for emulation and debugging purposes.
S0/SREN
Bus Cycle Status (output, three-state,
synchronous)
Show Read Enable (input, internal pullup)
S0—This pin indicates to the system the type of bus
cycle in progress. S2–S0 are three-stated during bus
holds, hold acknowledges, and ONCE mode. During
reset, these pins are pullups. The S2–S0 pins are en-
coded as shown in Table 5.
SREN—If asserted during reset, this pin enables data
read from internal memory to be shown/driven on the
AD15–AD0 bus. Note that if a byte read is being shown,
the unused byte will also be driven on the AD15–AD0
bus.This mode is provided for emulation and debug-
ging purposes.
Table 5.
Bus Cycle Encoding
S6/CLKSEL1/PIO29
Bus Cycle Status Bit 6 (output, synchronous)
Clock Select 1 (input, internal pullup)
S6—During the second and remaining periods of a
cycle (t2, t3, and t4), this pin is asserted High to indicate
a DMA-initiated bus cycle. During a bus hold or reset
condition, S6 is three-stated.
CLKSEL1—The clocking mode of the Am186ER and
Am188ER microcontrollers is controlled by UZI/
CLKSEL2/PIO26 and S6/CLKSEL1/PIO29. Both
CLKSEL2 and CLKSEL1 are held High during power-
on reset because of an internal pullup resistor. This is
the default clocking mode—Times Four. If CLKSEL1 is
held Low during power-on reset, the chip enters the Di-
vide by Two clocking mode where the fundamental
clock is derived by dividing the external clock input by
2. If Divide by Two mode is selected, the PLL is dis-
abled. This pin is latched within three crystal clock cy-
cles after the rising edge of RES. Refer to Reset
Waveforms on page 100 and Signals Related to Reset
Waveforms on page 100 to determine signal hold
times. See Table 6 on page 39 for more information on
the clocking modes.
If S6 is used as PIO29 in input mode, the device driving
PIO29 must not drive the pin Low during power-on reset.
S6/CLKSEL1/PIO29 defaults to a PIO input with pullup,
so the pin does not need to be driven High externally.
SCLK/PIO20
Serial Clock (output, synchronous)
This pin supplies the synchronous serial interface (SSI)
clock to a slave device, allowing transmit and receive
operations to be synchronized between the microcon-
troller and the slave. SCLK is derived from the micro-
controller internal clock and then divided by 2, 4, 8, or
16 depending on register settings.
An access to any of the SSR or SSD registers acti-
vates SCLK for eight SCLK cycles (see Figure 14 and
Figure 15 on page 58). When SCLK is inactive, it is
held High by the microcontroller. SCLK is three-stated
during ONCE mode.
SDATA/PIO21
Serial Data (input/output, synchronous)
This pin transmits and receives synchronous serial in-
terface (SSI) data to and from a slave device. When
SDATA is inactive, a weak keeper holds the last value
of SDATA on the pin.
SDEN1/PIO23, SDEN0/PIO22
Serial Data Enables (output, synchronous)
These pins enable data transfers on port 1 and port 0
of the synchronous serial interface (SSI). The micro-
controller asserts either SDEN1 or SDEN0 at the be-
ginning of a transfer and deasserts it after the transfer
is complete. When SDEN1–SDEN0 are inactive, they
are held Low by the microcontroller. SDEN1–SDEN0
are three-stated during ONCE mode.
S2
S1
S0
Bus Cycle
0
0
0
Interrupt acknowledge
0
0
1
Read data from I/O
0
1
0
Write data to I/O
0
1
1
Halt
1
0
0
Instruction fetch
1
0
1
Read data from memory
1
1
0
Write data to memory
1
1
1
None (passive)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com