Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM186 Datasheet(PDF) 11 Page - Advanced Micro Devices

Part # AM186
Description  High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186 Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button AM186 Datasheet HTML 7Page - Advanced Micro Devices AM186 Datasheet HTML 8Page - Advanced Micro Devices AM186 Datasheet HTML 9Page - Advanced Micro Devices AM186 Datasheet HTML 10Page - Advanced Micro Devices AM186 Datasheet HTML 11Page - Advanced Micro Devices AM186 Datasheet HTML 12Page - Advanced Micro Devices AM186 Datasheet HTML 13Page - Advanced Micro Devices AM186 Datasheet HTML 14Page - Advanced Micro Devices AM186 Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 112 page
background image
Am186TMER and Am188TMER Microcontrollers Data Sheet
11
DRAF
T
May 2000
D
Under “SRDY/PIO6” on page 38, the following sentence was added: "When SRDY is configured as
P106, the internal SRDY signal is driven Low."
May 2000
D
In Table 8, “Maximum and Minimum Clock Frequencies,” on page 44, the values are changed in the
cell of row "Divide by 2" and column "X1/X2 Min" and in the cell of row "Divide by 2" and column
"CLKOUTA Min".
May 2000
D
In “Switching Characteristics over Commercial and Industrial Operating Ranges” on page 93, Max
value in the number "36" row was changed to "33."
May 2000
D
In “Switching Characteristics over Commercial and Industrial Operating Ranges” on page 94, the
value in "40 MHz Max" for row number 36 was changed to "33."
May 2000
D
In “Synchronous Ready Waveforms” on page 97, the diagram was changed.
May 2000
D
In “Asynchronous Ready Waveforms” on page 97, the diagram was changed.
May 2000
D
In "BHE/ADEN", on page 31, the second paragraph under ADEN was changed.
May 2000
D
In "UZI/CLKSEL2/PIO26", on page 38, the paragraph description of UZI was changed.
May 2000
D
In “Read Cycle Waveforms” on page 72, the UZI line in the diagram was changed.
May 2000
D
In “Write Cycle Waveforms” on page 75, the UZI line in the diagram was changed.
May 2000
D
Added the diagram, Table 11, “ARDY and SRDY Synchronization Logic Diagram,” on page 49.
May 2000
D
Added an index.
Date
Rev Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com