Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3095 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3095
Description  The STEVAL-ISV002V2 demonstration board is the same
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3095 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3095 Datasheet HTML 3Page - STMicroelectronics AN3095 Datasheet HTML 4Page - STMicroelectronics AN3095 Datasheet HTML 5Page - STMicroelectronics AN3095 Datasheet HTML 6Page - STMicroelectronics AN3095 Datasheet HTML 7Page - STMicroelectronics AN3095 Datasheet HTML 8Page - STMicroelectronics AN3095 Datasheet HTML 9Page - STMicroelectronics AN3095 Datasheet HTML 10Page - STMicroelectronics AN3095 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
AN3095
System description
Doc ID 16555 Rev 3
7/55
The output sensing and relays board was realized to interface the power system and the
grid. This task is accomplished with the implementation of a proper control algorithm which
requires both grid-current and grid-voltage sensing. For this reason, the board is equipped
with current and voltage Hall effect sensors. Two relays, controlled by an I/O of the
microcontroller, are also placed on the same PCB to interrupt/connect phase and neutral of
the system to phase and neutral of the grid. Moreover, this board is provided with two-way
connectors for electrical wiring of the LCL filter to the main power board.
The multi-output power supply board implements two independent offline flyback
converters, with wide input voltage range, based on VIPER technology, to generate the
following output voltages:
●
+5 V to supply DC-DC converter gate drivers
●
+5 V to supply DC-AC converter gate drivers
●
+5 V to supply the microcontroller
●
+/-15 V for LEM sensors supply
●
24 V for relays supply
The main advantage of an offline solution is the availability of a power supply for circuits
dedicated to communication and data transfer even at night or in the case of weak PV field
energy production. The price to pay for such an advantage is higher power consumption
during standby mode of the main power unit.
The specifications in Table 1 for the PV system are used as inputs for the design of the
boards mentioned above. All parameters are assumed to be equal to their nominal value if
not otherwise stated.
Table 1.
System specifications
Specification
Value
DC-DC input voltage
200 V - 400 V
DC-DC output voltage
450 V
DC-AC output voltage
230 Vac
Nominal output power
3 kW
DC-AC switching frequency
17 kHz
DC-DC switching frequency
35 kHz
Transformer turns ratio
1.2
Grid voltage
230 Vrms +/- 20 %
Grid frequency
50 Hz
Power factor above 10 % rated power
>0.9
THD@ full load
<5 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com