Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3095 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN3095
Description  The STEVAL-ISV002V2 demonstration board is the same
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3095 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN3095 Datasheet HTML 20Page - STMicroelectronics AN3095 Datasheet HTML 21Page - STMicroelectronics AN3095 Datasheet HTML 22Page - STMicroelectronics AN3095 Datasheet HTML 23Page - STMicroelectronics AN3095 Datasheet HTML 24Page - STMicroelectronics AN3095 Datasheet HTML 25Page - STMicroelectronics AN3095 Datasheet HTML 26Page - STMicroelectronics AN3095 Datasheet HTML 27Page - STMicroelectronics AN3095 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 55 page
background image
Schematic description
AN3095
24/55
Doc ID 16555 Rev 3
5
Schematic description
The power board schematic is shown in Figure 14. The input voltage, produced by the PV
array and comprising between 200 V and 400 V, is fed to the power circuit through
connector J7. The input filter consists of 3 high voltage electrolytic capacitors and two 0.1 µF
polypropylene capacitors connected at the input of the bridge, to reduce the effects of
parasitic inductances due to cables and PCB tracks. Each of the four input power
MOSFETs, STW55NM60ND, are connected in parallel to a STTH30R06, 600 V 30 A ultra-
fast, soft recovery diode. This diode carries only a small amount of current during ZVS
operation of the DC-DC converter due to the relatively lower forward voltage of the MOSFET
body diode.
The power MOSFETs in the active rectifier are connected in parallel to 4.7 nF, 630VDC
polypropylene capacitors used as voltage snubbers to minimize turn-off losses.
The HF transformer is realized using two E70/33/32 cores with N87 ferrite. In a transformer
having only a primary and a secondary winding, the value of the leakage inductance is
determined by the number of turns in each of the two windings and by the spatial
arrangements of these windings. The leakage inductance increases with an increasing
number of turns and with an increasing distance between the windings. However, the spatial
arrangement of the windings cannot be chosen arbitrarily, mainly because of mechanical
restrictions introduced by the core geometry chosen for the specific application. Then, if a
high value of leakage inductance is needed, an additional coil may be added in series to the
primary or a bigger core may be selected for the transformer. The leakage inductance of the
transformer in this application is designed without an additional external coil to achieve a
more compact set-up and lower cost.
A bank of four 330 µF, 500 V electrolytic capacitors, connected in parallel, is placed on the
inverter bus to filter the 100 Hz ripple, together with a 2.2 µF, polypropylene capacitor to
filter the high frequency component generated by the DC-DC converter. The output of the
DC-DC converter is connected to J9, a two-way connector mounted on the PCB in
order to allow the independent operation of both conversion stages. For example, by
connecting an electrical load to J9 and a DC voltage source to J7 the operation of the DC-
DC converter may be evaluated independently from the inverter. In the same way,
connecting a DC voltage source to J9 and disabling the modulation of the DC-DC converter
the operation of the DC-AC inverter may be evaluated both in standalone or grid-connected
operation. In standalone mode of operation the system is controlled in open loop, while in
grid connection mode the system operates with closed loop control.
The full bridge inverter consists of two legs implemented with STGW35HF60WD IGBTs.
A 0.1 µF, 630VDC polypropylene capacitor (CF1, CF2) is connected across each leg. The
mid point of each leg is then reported on J8 to allow the connection of the two 1 mH
inductors used as high frequency filters together with capacitor C1 (Figure 15). This
capacitor, placed on the output sensing and relays board, is connected to the filter inductors
through a two-way connector J7, placed on the same board. The current in the filter inductor
is sensed by means of a Hall effect sensor CS1 and is used as a feedback for the control
algorithm. Also the grid voltage, sensed with LV1, is a feedback for the control algorithm and
is used for current synchronization to obtain unitary power factor.
Hall sensors provide inherent galvanic isolation between the grid and the control circuitry
and are very simple to use, requiring only a +15 V/-15 V supply voltage and a measurement
resistor. Despite these advantages, their cost is higher compared to other sensing solutions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com