Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3095 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN3095
Description  The STEVAL-ISV002V2 demonstration board is the same
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3095 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN3095 Datasheet HTML 18Page - STMicroelectronics AN3095 Datasheet HTML 19Page - STMicroelectronics AN3095 Datasheet HTML 20Page - STMicroelectronics AN3095 Datasheet HTML 21Page - STMicroelectronics AN3095 Datasheet HTML 22Page - STMicroelectronics AN3095 Datasheet HTML 23Page - STMicroelectronics AN3095 Datasheet HTML 24Page - STMicroelectronics AN3095 Datasheet HTML 25Page - STMicroelectronics AN3095 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 55 page
background image
DC-AC converter
AN3095
22/55
Doc ID 16555 Rev 3
The LCL filter is effective only if proper damping is added. Passive damping, realized with a
resistor series connected to the filter capacitor was used for this application. The value of
the resistor is chosen to be one third of the impedance of the capacitor at the resonant
frequency:
Equation 47
●
Selection of semiconductor devices
The semiconductors selected for the DC-AC section are 600 V, 35 A IGBTs with internal fast
diodes used to minimize the effect of recovery at turn-on. The choice of IGBTs is a trade off
between cost and efficiency. The part number of the device used is STGW35HF60WD,
which shows very good performance in terms of switching losses. The electrical
characteristics of this device are shown in Table 5.
The power losses in each IGBT may be calculated considering conduction losses, switching
losses and diode losses.
Conduction and switching losses in IGBTs may be evaluated according to the following
equations:
Equation 48
Ω
=
ω
=
8
.
5
C
*
*
3
1
R
res
damp
Table 5.
STGW35HF60WD electrical characteristics
Part number
Saturation voltage
Collector
current
Eoff
Eon
Gate
charge
STGW35HF60WD
VCEsat @125 °C,13 A
IC@100 °C
Eoff @125 °C,15 A Eon @125 °C,15 A
Qg
1.8 V
37 A
360 µJ Rg=47
Ω
300 µJ Rg=56
Ω
102 nC
Ω
=
=
φ
=
=
=
=
=
π
=
=
π
=
=
φ
π
+
+
φ
+
π
=
02
.
0
R
1
cos
72
.
0
450
325
V
V
ma
V
8
.
1
V
W
62
.
1
f
Eoff
off
_
Psw
W
94
.
1
f
Eon
on
_
Psw
W
6
.
9
)
cos
3
ma
8
1
(
*
I
*
R
)
cos
ma
8
1
2
1
(
I
*
V
Pcond
CE
bus
pk
_
grid
CE
sw
sw
pk
2
CE
pk
CE
Where



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com