Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3095 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3095
Description  The STEVAL-ISV002V2 demonstration board is the same
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3095 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3095 Datasheet HTML 5Page - STMicroelectronics AN3095 Datasheet HTML 6Page - STMicroelectronics AN3095 Datasheet HTML 7Page - STMicroelectronics AN3095 Datasheet HTML 8Page - STMicroelectronics AN3095 Datasheet HTML 9Page - STMicroelectronics AN3095 Datasheet HTML 10Page - STMicroelectronics AN3095 Datasheet HTML 11Page - STMicroelectronics AN3095 Datasheet HTML 12Page - STMicroelectronics AN3095 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
AN3095
DC-DC converter
Doc ID 16555 Rev 3
9/55
input of the HF transformer which varies between +Vin and -Vin, while the effect of the
modulation on the active rectifier is to generate, on the secondary of the HF transformer, a
square wave varying between +Vbus and -Vbus, where Vbus is the voltage on capacitor C2,
phase shifted with respect to the primary one of an angle
δ, equal to the phase shift of the
modulating signals, as shown in the equivalent circuit of figures 5, 6, 7, 8, 9, 10, and 11.
Figure 5.
DC-DC converter equivalent circuit
As a result, the primary voltage and the secondary transformer voltage reflected to the
primary determine the rising and falling slope of the current in the leakage inductance.
According to leakage inductance current waveforms, two operating modes may be
distinguished for the converter:
●
Discontinuous current mode DCM
●
Continuous current mode CCM
Both in CCM and DCM, three main operating modes or intervals may be distinguished in
half the switching period. Considering the modulation shown in Figure 9, in CCM the
leakage inductance current may be calculated as follows:
●
Mode 1, interval (t0 - t1):
At t0 M1 and M4 are turned on at ZVS, M6 is also on. The voltage across the leakage
inductance is:
Equation 1
and the current may be written as follows:
Equation 2
Since this current is negative, as shown in Figure 9, it flows in the circuit as demonstrated in
Figure 6.
n
V
V
V
bus
in
LK
+
=
()(
)
n
V
V
d
)
t
(
i
t
t
d
1
V
L
1
)
t
(
i
in
bus
0
Lk
1
in
k
k
L
⋅
=
+
−
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com