Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3095 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3095
Description  The STEVAL-ISV002V2 demonstration board is the same
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3095 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3095 Datasheet HTML 9Page - STMicroelectronics AN3095 Datasheet HTML 10Page - STMicroelectronics AN3095 Datasheet HTML 11Page - STMicroelectronics AN3095 Datasheet HTML 12Page - STMicroelectronics AN3095 Datasheet HTML 13Page - STMicroelectronics AN3095 Datasheet HTML 14Page - STMicroelectronics AN3095 Datasheet HTML 15Page - STMicroelectronics AN3095 Datasheet HTML 16Page - STMicroelectronics AN3095 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 55 page
background image
AN3095
DC-DC converter
Doc ID 16555 Rev 3
13/55
Equation 8
By integrating the leakage current expression over the switching period and multiplying the
result by the input voltage value the expression of power transfer may be derived as:
Equation 9
where
ωs=2πf
s is the switching frequency in rad/s,
φ=ωst is the phase-shift angle and
.
once the operation of the converter has been described, based on the specification in
Table 1
, the power transfer function may be plotted as shown in Figure 11.
Figure 11.
Power transfer function for different input voltages
As the converter operates in boost mode the value of parameter “d” must be kept greater
than “1” for every value of input voltage in order to maintain controllability, also at low power
levels. In fact, if d<1 the converter is characterized by a minimum power level under which
the converter cannot be controlled. For this reason, transformer turns ratio has been chosen
at equal to 1.2. The value of leakage inductance must also be chosen carefully and it is a
compromise between peak current value and the maximum energy transfer between input
and output.
π
−
=
φ
d
1
d
B
⎪
⎪
⎪
⎩
⎪
⎪
⎪
⎨
⎧
φ
>
φ
φ
⋅
+
ω
=
φ
<
φ
φ
−
π
ω
=
B
2
k
s
2
in
B
2
k
s
2
in
)
(
F
)
d
2
(
2
d
L
V
P
)
1
d
(
2
d
L
V
P
)
d
d
2
2
(
2
)
d
d
1
(
4
)
d
2
d
1
(
)
(
F
2
2
2
2
+
+
π
φ
−
+
+
φ
+
−
+
π
=
φ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com