Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3095 Datasheet(PDF) 43 Page - STMicroelectronics

Part # AN3095
Description  The STEVAL-ISV002V2 demonstration board is the same
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3095 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button AN3095 Datasheet HTML 39Page - STMicroelectronics AN3095 Datasheet HTML 40Page - STMicroelectronics AN3095 Datasheet HTML 41Page - STMicroelectronics AN3095 Datasheet HTML 42Page - STMicroelectronics AN3095 Datasheet HTML 43Page - STMicroelectronics AN3095 Datasheet HTML 44Page - STMicroelectronics AN3095 Datasheet HTML 45Page - STMicroelectronics AN3095 Datasheet HTML 46Page - STMicroelectronics AN3095 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 55 page
background image
AN3095
STM32F103xx-based current control strategy for inverter grid connection
Doc ID 16555 Rev 3
43/55
●
Input current control
The same kind of strategy is used to detect any condition of overcurrent in the system. This
protection is enabled when the average input current is above 18 A.
●
Bus DC voltage control
The output of the bus DC is controlled in order to stabilize the inverter input voltage to the
bus DC reference voltage. The minimum DC bus voltage is a function of the peak-to-peak
AC line voltage in order to minimize total harmonic distortion (THD) of the injected current.
This limit depends on grid-voltage fluctuations and may be calculated according to the
following equation:
Equation 59
where Pdc is the average power on the DC bus, Vgrid_max is the maximum RMS value of the
grid voltage and Zc is the output LCL filter impedance. In other words, the DC bus must
never decrease below the peak grid-voltage value plus the drop across the IGBTs and the
LCL filter. To ensure safe operation, this voltage must never surpass the protection threshold
of 480 V.
In case of bus DC under/overvoltage the system is disconnected from the grid according to
the strategy already described.
●
Burst mode operation at startup
In the case of an overcurrent or overvoltage event, the DC-DC converter modulation is first
disabled by the control algorithm. Then, the DC-DC modulation is disabled and the interface
relays are disconnected, preventing any power flow from the system to the grid. After that,
the control algorithm performs some checks on the input voltage, bus DC voltage, grid-
voltage and grid-frequency value. If the sensed voltages are in the allowable range (200-400
V input, 380-450 V bus DC, 230 Vrms +/- 10 %, 49.7 Hz-50.3 Hz grid voltage) the DC-DC
converter is started in burst mode in order to charge the bus DC voltage at the reference
voltage level. This same check procedure is executed at startup, before the connection to
the grid is actually performed. During burst mode of operation the DC bus voltage is
regulated with hysteretic control. The boundary values of the hysteresis window Vb1, Vb2
are chosen to limit the DC bus voltage ripple to 5 % of the reference value. Once the bus
capacitor is charged, the control loop mode of operation is enabled and the connection to
the grid performed.
●
Line voltage and frequency detection and anti-islanding
The PLL continuously measures the line voltage and frequency in all operating states. If the
voltage or frequency exceeds the high or low limits, the inverter ceases to deliver power to
the grid. These conditions are also used to implement a passive method for island operation
detection. An island operation occurs when the utility power is disconnected for
maintenance or fault reasons while the inverter is still delivering power. With a passive
method, detection of islanding from the utility grid is achieved via AC under/overvoltage and
under/overfrequency detection functions.
●
Output overcurrent
Due to fault conditions or AC line transient conditions, the maximum current may be
exceeded. In this case, the inverter ceases to deliver power to the grid according to the
strategy explained above. The current threshold value is set to 15 A.
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
+
=
max
_
grid
c
dc
max
_
grid
min
_
ref
bus
V
Z
*
P
V
2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com